Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3302/37 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3302/37
Description  3M Color Coded Flat Cable - .050 28 AWG Stranded, PVC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3302/37 Datasheet(HTML) 2 Page - 3M Electronics

  3302/37 Datasheet HTML 1Page - 3M Electronics 3302/37 Datasheet HTML 2Page - 3M Electronics 3302/37 Datasheet HTML 3Page - 3M Electronics 3302/37 Datasheet HTML 4Page - 3M Electronics 3302/37 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Color Coded Flat Cable
.050" 28 AWG Stranded, PVC
3302 Series
TS-0123-B
Sheet 2 of 2
Ordering Information
3302/XX XX
Inch
[mm]
Tolerance Unless Noted
.0
.00
.000
Inch
±.1
±.01 ±.005
[ ] Dimensions for Reference Only
Note:
Available in standard lengths of 100 feet or 300 feet per roll,
please specify when ordering..
Number of Conductors
(See Table)
Blank = Standard
C = Canadian Certified Version
Blank = Standard
SF = Splice Free
Number of
Conductors
3M Part
Number
Dimension A
Dimension B
09
3302/09
0.450 ± .015 [ 11.43 ]
0.400 ± .010 [ 10.18 ]
10
3302/10
0.500 ± .015 [ 12.70 ]
0.450 ± .010 [ 11.43 ]
14
3302/14
0.700 ± .015 [ 17.78 ]
0.650 ± .010 [ 16.51 ]
15
3302/15
0.750 ± .015 [ 19.05 ]
0.700 ± .010 [ 17.78 ]
16
3302/16
0.800 ± .020 [ 20.32 ]
0.750 ± .015 [ 19.05 ]
18
3302/18
0.900 ± .020 [ 22.86 ]
0.850 ± .015 [ 21.59 ]
20
3302/20
1.000 ± .020 [ 25.40 ]
0.950 ± .015 [ 24.13 ]
24
3302/24
1.200 ± .020 [ 30.48 ]
1.150 ± .015 [ 29.21 ]
25
3302/25
1.250 ± .020 [ 31.75 ]
1.200 ± .015 [ 30.48 ]
26
3302/26
1.300 ± .020 [ 33.02 ]
1.250 ± .015 [ 31.75 ]
30
3302/30
1.500 ± .025 [ 38.10 ]
1.450 ± .020 [ 36.83 ]
34
3302/34
1.700 ± .025 [ 43.18 ]
1.650 ± .020 [ 41.91 ]
36
3302/36
1.800 ± .025 [ 45.72 ]
1.750 ± .020 [ 44.45 ]
37
3302/37
1.850 ± .025 [ 46.99 ]
1.800 ± .020 [ 45.72 ]
40
3302/40
2.000 ± .025 [ 50.80 ]
1.950 ± .020 [ 49.53 ]
50
3302/50
2.500 ± .025 [ 63.50 ]
2.450 ± .020 [ 62.23 ]
60
3302/60
3.000 ± .025 [ 76.20 ]
2.950 ± .020 [ 74.93 ]
64
3302/64
3.200 ± .025 [ 81.28 ]
3.150 ± .020 [ 80.01 ]
C
* 10 Color Repeat
Brown
Red
Orange
Yellow
Green
Blue
Violet
Gray
White
Black
B
A
.042 ± .003
[ 1.07 ]
.050 Typ
[ 1.27 ]
Brown* PVC
Insulation
Clear PVC
Carrier
28 AWG 7 X 36 [ 7 X 0.127 ] Tinned
Stranged Copper Conductors
(OPTIONAL)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com