Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3302/37 Datasheet (PDF) - 3M Electronics

3302/37 Datasheet PDF - 3M Electronics
Part # 3302/37
Download  3302/37 Download
File Size   1389.45 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M Color Coded Flat Cable - .050 28 AWG Stranded, PVC

3302/37 Datasheet (PDF)

Go To PDF Page Download Datasheet
3302/37 Datasheet PDF - 3M Electronics

Part # 3302/37
Download  3302/37 Click to download

File Size   1389.45 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M Color Coded Flat Cable - .050 28 AWG Stranded, PVC

3302/37 Datasheet (HTML) - 3M Electronics


3302/37 Product details

Features
■ Voltage Rating: USA: 300V
■ Canada: 150V
■ EU: <50V
■ Insulation Resistance: > 1 × 109 Ω/10 ft. [ 3 m ] Characteristic Impedance: Unbalanced
■ 105 Ω
■ Capacitance: 14.1 pF/ft [ 46.3 pF/m ] Inductance: 0.15 μH/ft [ 0.49 μH/m ]
■ Propagation Delay: 1.47 ns/ft [ 4.82 ns/m ]
■ Velocity of Propagation: 69% Note: Unbalanced is measured between ground-signal-ground conductors.




Similar Part No. - 3302/37

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3302 VMI-3302 Datasheet
245Kb / 2P
200 V - 1,000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
Pomona Electronics
3302 POMONA-3302 Datasheet
28Kb / 1P
Shielded Aluminum Box, Size F With BNC Females Both Ends
logo
Bourns Electronic Solut...
3302 BOURNS-3302 Datasheet
186Kb / 1P
2 mm SMD Trimpot짰 Trimming Potentiometer
3302 BOURNS-3302 Datasheet
146Kb / 2P
Trimmer
logo
KR Electronics, Inc.
3302 KR-3302 Datasheet
71Kb / 3P
KR Electronics part number 3302 is a 300 MHz bandpass filter
More results


Similar Description - 3302/37

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3811 3M-3811 Datasheet
46Kb / 2P
050 Color Coded Flat Cable
19-Feb-1999
3365 3M-3365 Datasheet
1Mb / 5P
3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
07-May-2009
3644 3M-3644 Datasheet
870Kb / 6P
3M Round, Shielded/Jacketed, Disc. Wire Cable 28 AWG Stranded, Twisted Pair, PO/PVC
13-May-2009
3659 3M-3659_1 Datasheet
1Mb / 5P
3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
11-May-2009
3625-40100M 3M-3625-40100M Datasheet
870Kb / 5P
3M™ Round Conductor Flat Cable 1.0 mm 28 AWG Stranded, PVC
13-May-2009
logo
Tyco Electronics
171-50 MACOM-171-50 Datasheet
81Kb / 2P
FLAT CABLE 28 AWG STRANDED PVC INSULATION
logo
3M Electronics
1700-10 3M-1700-10 Datasheet
1Mb / 5P
.050" 28 AWG Stranded, Mass Terminatable Pair, PVC
04-May-2009
M1MXK-5036R 3M-M1MXK-5036R Datasheet
1Mb / 3P
3M Color Coded Flat Cable
01-May-2012
logo
List of Unclassifed Man...
1346367 ETC2-1346367 Datasheet
102Kb / 3P
Beldens 050 pitch color-coded PVC flat cable allows for quick identification and circuit tracing
logo
3M Electronics
3896 3M-3896 Datasheet
752Kb / 5P
3M™ Round, Jacketed, Flat Cable .025 30 AWG Stranded, Mass-Term, PVC/PVC
May 14, 2009
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com