Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87WMX6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41ST87WMX6F
Description  5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WMX6F Datasheet(HTML) 1 Page - STMicroelectronics

  M41ST87WMX6F Datasheet HTML 1Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 2Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 3Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 4Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 5Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 6Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 7Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 8Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
April 2010
Doc ID 9497 Rev 8
1/52
1
M41ST87Y
M41ST87W
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor
with tamper detection and 128 bytes of clearable NVRAM
Features
■ 5.0, 3.3, or 3.0 V operation
■ 400 kHz I2C bus
■ NVRAM supervisor to non-volatize external
LPSRAM
■ 2.5 to 5.5 V oscillator operating voltage
■ Automatic switchover and deselect circuitry
■ Choice of power-fail deselect voltages
– M41ST87Y:
THS = 1: VPFD≈ 4.63 V; VCC = 4.75 to 5.5 V
THS = 0: VPFD≈ 4.37 V; VCC = 4.5 to 5.5 V
– M41ST87W:
THS = 1: VPFD ≈ 2.9 V; VCC = 3.0 to 3.6 V
THS = 0: VPFD ≈ 2.63 V; VCC = 2.7 to 3.6 V
■ Two independent power-fail comparators
(1.25 V reference)
■ Counters for tenths/hundredths of seconds,
seconds, minutes, hours, day, date, month,
year, and century
■ 128 bytes of clearable, general purpose
NVRAM
■ Programmable alarm and interrupt function
(valid even during battery backup mode)
■ Programmable watchdog timer
■ Unique electronic serial number (8-byte)
■ 32 kHz frequency output available upon power-
on
■ Microprocessor power-on reset output
■ Battery low flag
■ Ultra-low battery supply current of 500 nA (typ)
Security features
■ Tamper indication circuits with timestamp and
RAM clear
■ LPSRAM clear function (TPCLR)
■ Packaging includes a 28-lead, embedded
crystal SOIC and a 20-lead SSOP
■ Oscillator stop detection
28-pin, (300 mil)
SOX28 (MX)
Embedded crystal
SSOP20 (SS)
www.st.com


Similar Part No. - M41ST87WMX6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST87WMX6F STMICROELECTRONICS-M41ST87WMX6F Datasheet
1Mb / 54P
5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
19-May-2016
More results

Similar Description - M41ST87WMX6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
Sep-2004
M41ST87W STMICROELECTRONICS-M41ST87W Datasheet
733Kb / 42P
5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
Mar-2006
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
Jan-2006
M41ST84W STMICROELECTRONICS-M41ST84W_08 Datasheet
302Kb / 34P
3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
28-Aug-2008
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2007
M41ST87Y STMICROELECTRONICS-M41ST87Y_08 Datasheet
461Kb / 48P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
10-Sep-2008
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2011
M41ST87W STMICROELECTRONICS-M41ST87W_11 Datasheet
787Kb / 54P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
03-Oct-2011
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
Serial real-time clock (RTC) with 56 bytes of NVRAM
11-Jun-2012
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
Serial real-time clock (RTC) with 56 bytes NVRAM
06-Dec-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com