Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87WMX6F Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41ST87WMX6F
Description  5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WMX6F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41ST87WMX6F Datasheet HTML 19Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 20Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 21Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 22Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 23Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 24Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 25Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 26Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
M41ST87Y, M41ST87W
Operating modes
Doc ID 9497 Rev 8
23/52
negative voltage generated by the charge pump during a tamper condition, and from being
pulled to ground by the output of the charge pump when it is in shut-down mode (SHDN =
logic low). The gates of both MOSFETs should be connected to TPCLR as shown in
Figure 20 on page 25. One n-channel enhancement MOSFET should be placed between
the output of the inverting charge pump and the VOUT of the M41ST87. The other MOSFET
should be an enhancement mode p-channel, and placed between VOUT of the M41ST87
and VCC of the external SRAM. When TPCLR goes high after a tamper condition occurs, the
n-channel MOSFET will turn on and the p-channel will turn off. During normal operating
conditions, TPCLR will be low and the p-channel will be on, while the n-channel will be off.
Table 4.
Tamper detection current (normally closed - TCMX = '0')
Figure 17.
Tamper detect sampling options
TDSX
TCHI/TCLOX
Tamper circuit mode
Current at 3.0 V (typ)(1)(2)
1.
When calculating battery lifetime, this current should be added to IBAT current listed in Table 17 on page 44.
2.
Per tamper detect input
Unit
0
0
Continuous monitoring / 10 M
Ω pull-up/-down
0.3
µA
0
1
Continuous monitoring / 1 M
Ω pull-up/-down
3.0
µA
1
0
Sampling (1Hz) / 10 M
Ω pull-up/-down
0.3
nA
1
1
Sampling (1Hz) / 1 M
Ω pull-up/-down
3.0
nA
AI07819
TAMPER LO,
NORMALLY OPEN
TAMPER HI,
NORMALLY CLOSED
User
Configuration
TDS
X = 0
TDS
X = 1
TDS
X = 0
TDS
X = 1
TAMPER HI,
NORMALLY OPEN
TAMPER LO,
NORMALLY CLOSED
CONTINUOUS
MONITORING
CONTINUOUS
MONITORING
CONTINUOUS
MONITORING
SAMPLED
MONITORING
CONTINUOUS
MONITORING
SAMPLED
MONITORING
VCC (VOUT)
VCC (VOUT)
VCC (VOUT)
TCM
X, TPMX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com