Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87YMX6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M41ST87YMX6
Description  5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YMX6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M41ST87YMX6 Datasheet HTML 2Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 3Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 4Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 5Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 6Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 7Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 8Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 9Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Description
M41ST87Y, M41ST87W
6/52
Doc ID 9497 Rev 8
1
Description
The M41ST87Y/W secure serial RTC and NVRAM supervisor is a low power 1280-bit, static
CMOS SRAM organized as 160 bytes by 8 bits. A built-in 32.768 kHz oscillator (internal
crystal-controlled) and 8 bytes of the SRAM (see Table 7 ) are used for the clock/calendar
function and are configured in binary coded decimal (BCD) format.
An additional 11 bytes of RAM provide calibration, status/control of alarm, watchdog,
tamper, and square wave functions. 8 bytes of ROM and finally 128 bytes of user RAM are
also provided. Addresses and data are transferred serially via a two line, bidirectional I2C
interface. The built-in address register is incremented automatically after each WRITE or
READ data byte. The M41ST87Y/W has a built-in power sense circuit which detects power
failures and automatically switches to the battery supply when a power failure occurs. The
energy needed to sustain the SRAM and clock operations can be supplied by a small lithium
button-cell supply when a power failure occurs.
Functions available to the user include a non-volatile, time-of-day clock/calendar, alarm
interrupts, tamper detection, watchdog timer, and programmable square wave output. Other
features include a power-on reset as well as two additional debounced inputs (RSTIN1 and
RSTIN2) which can also generate an output reset (RST). The eight clock address locations
contain the century, year, month, date, day, hour, minute, second and tenths/hundredths of a
second in 24-hour BCD format. Corrections for 28, 29 (leap year), 30 and 31 day months are
made automatically.
1.1
Security features
Two fully independent tamper detection Inputs allow monitoring of multiple locations within
the system. User programmable bits provide both normally open and normally closed switch
monitoring. Time stamping of the tamper event is automatically provided. There is also an
option allowing data stored in either internal memory (128 bytes), and/or external memory to
be cleared, protecting sensitive information in the event tampering occurs. By embedding
the 32 kHz crystal in the SOX28 package, the clock is completely isolated from external
tampering. An oscillator fail bit (OF) is also provided to ensure correct operation of the
oscillator.
The M41ST87Y/W is supplied in a 28-pin, 300 mil SOIC package (MX) which includes an
embedded 32 kHz crystal and a 20-pin SSOP package (SS) for use with an external crystal.
The SOIC and SSOP packages are shipped in plastic anti-static tubes or in tape & reel form.
The 300 mil, embedded crystal SOIC requires only a user-supplied battery to provide non-
volatile operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com