Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87YMX6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # M41ST87YMX6
Description  5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YMX6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M41ST87YMX6 Datasheet HTML 33Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 34Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 35Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 36Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 37Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 38Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 39Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 40Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
M41ST87Y, M41ST87W
Clock operation
Doc ID 9497 Rev 8
37/52
3.6
Full-time 32 kHz square wave output
The M41ST87Y/W offers the user a special 32kHz square wave function which defaults to
output on the F32k pin (pin 21) as long as VCC ≥ VSO, and the oscillator is running (ST bit =
'0'). This function is available within one second (typ) of initial power-up and can only be
disabled by setting the 32 kE bit to '0' or the ST bit to '1.' If not used, the F32k pin should be
disconnected and allowed to float.
Note:
The F32k pin is an open drain which requires an external pull-up resistor.
3.7
Power-on reset
The M41ST87Y/W continuously monitors VCC. When VCC falls to the power fail detect trip
point, the RST pulls low (open drain) and remains low on power-up for trec after VCC passes
VPFD(max). The RST pin is an open drain output and an appropriate pull-up resistor should
be chosen to control rise time.
Note:
A power-on reset will result in resetting the following control bits to '0': OFIE, AFE, ABE,
SQWE, FT, WDS, BMB0-BMB4, RB0, RB1, TIE1, and TIE2 (see Table 13 on page 41).
3.8
Reset inputs (RSTIN1 & RSTIN2)
The M41ST87Y/W provides two independent inputs which can generate an output reset.
The function of these resets is identical to a reset generated by a power cycle. Table 10 and
Figure 26 illustrate the AC reset characteristics of this function. Pulses shorter than tR1 and
tR2 will not generate a reset condition. RSTIN1 and RSTIN2 are each internally pulled up to
VCC through a 100 kΩ resistor. Note that RSTIN1 triggers on the falling edge while RSTIN2
triggers on the rising edge.
Note:
RSTIN2 is available only in the SOX28 (MX) package.
Figure 26.
RSTIN1 & RSTIN2 timing waveforms
AI07072
RSTIN1
RST
RSTIN2
tR1
trec
Hi-Z
tR2
trec
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com