Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM809 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM809
Description  Reset circuit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM809 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM809 Datasheet HTML 3Page - STMicroelectronics STM809 Datasheet HTML 4Page - STMicroelectronics STM809 Datasheet HTML 5Page - STMicroelectronics STM809 Datasheet HTML 6Page - STMicroelectronics STM809 Datasheet HTML 7Page - STMicroelectronics STM809 Datasheet HTML 8Page - STMicroelectronics STM809 Datasheet HTML 9Page - STMicroelectronics STM809 Datasheet HTML 10Page - STMicroelectronics STM809 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STM809/810/811/812
Operation
Doc ID 9873 Rev 5
7/21
2
Operation
2.1
Reset output
The STM809/810/811/812 microprocessor reset circuit asserts a reset signal to the MCU
whenever VCC goes below the reset threshold (VRST), or when the push-button reset input
(MR) is taken low (see
Figure 14 on page 13). RST (active high for STM810/812) is
guaranteed valid down to VCC = 1 V (0° to 70°C).
During power-up, once VCC exceeds the reset threshold an internal timer keeps RST low for
the reset time-out period, trec. After this interval, RST returns high.
If VCC drops below the reset threshold, RST goes low. Each time RST is asserted, it stays
low for at least the reset time-out period. Any time VCC goes below the reset threshold, the
internal timer clears. The reset timer starts when VCC returns above the reset threshold. The
active-low reset (RST) and active-high reset (RST) both source and sink current.
2.2
Push-button reset input (STM811/812)
A logic low on MR asserts RST. RST remains asserted while MR is low, and for trec after it
returns high. The MR input has an internal 20 k
Ω pull-up resistor, allowing it to be left open if
not used. This input can be driven with TTL/CMOS-logic levels or with open-drain/collector
outputs. Connect a normally open push-button switch from MR to GND to create a manual
reset function; external debounce circuitry is not required. If the device is used in a noisy
environment, connect a 0.1 µF capacitor from MR to GND to provide additional noise
immunity.
2.3
Negative-going VCC transients
The STM809/810/811/812 are relatively immune to negative-going VCC transients (glitches).
Figure 12 on page 11 shows typical transient duration versus reset comparator overdrive
(for which the STM809/810/811/812 will NOT generate a reset pulse). The graph was
generated using a negative pulse applied to VCC, starting at 0.5V above the actual reset
threshold and ending below it by the magnitude indicated (comparator overdrive). The graph
indicates the maximum pulse width a negative VCC transient can have without causing a
reset pulse. As the magnitude of the transient increases (further below the threshold), the
maximum allowable pulse width decreases. Any combination of duration and overdrive
which lies under the curve will NOT generate a reset signal. Typically, a VCC transient that
goes 100 mV below the reset threshold and lasts 20 µs or less will not cause a reset pulse.
A 0.1 µF bypass capacitor mounted as close as possible to the VCC pin provides additional
transient immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com