Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM809 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM809
Description  Reset circuit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM809 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM809 Datasheet HTML 5Page - STMicroelectronics STM809 Datasheet HTML 6Page - STMicroelectronics STM809 Datasheet HTML 7Page - STMicroelectronics STM809 Datasheet HTML 8Page - STMicroelectronics STM809 Datasheet HTML 9Page - STMicroelectronics STM809 Datasheet HTML 10Page - STMicroelectronics STM809 Datasheet HTML 11Page - STMicroelectronics STM809 Datasheet HTML 12Page - STMicroelectronics STM809 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
STM809/810/811/812
Typical operating characteristics
Doc ID 9873 Rev 5
9/21
3
Typical operating characteristics
Note:
Typical values are at TA = 25 °C, VCC = 5 V for L/M versions, VCC = 3.3 V for T/S versions,
and VCC = 3.0 V for R versions.
Figure 7.
Supply current vs. temperature, L/M/R/S/T (no load)
Figure 8.
Power-down reset delay vs. temperature - VOD = VTH – VCC (L/M)
AI07879
0.0
2.0
4.0
6.0
8.0
–40
–20
0
20
40
60
80
Temperature (°C)
1V
3V
3.6V
5.5V
AI07880
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
–40
–20
0
20
40
60
80
Temperature (°C)
VOD = 20mV
VOD = 125mV
VOD = 200mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com