Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9950
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9950_09 Datasheet HTML 9Page - STMicroelectronics L9950_09 Datasheet HTML 10Page - STMicroelectronics L9950_09 Datasheet HTML 11Page - STMicroelectronics L9950_09 Datasheet HTML 12Page - STMicroelectronics L9950_09 Datasheet HTML 13Page - STMicroelectronics L9950_09 Datasheet HTML 14Page - STMicroelectronics L9950_09 Datasheet HTML 15Page - STMicroelectronics L9950_09 Datasheet HTML 16Page - STMicroelectronics L9950_09 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
L9950 - L9950XP
Electrical specifications
Doc ID 10311 Rev 10
13/39
|IOUT11|
Output current limitation to
GND
Source, VS = 13.5V
6
-
10
A
td ON H
Output delay time,
highside driver on
VS = 13.5 V,
corresponding lowside
driver is not active
20
40
80
µs
td OFF H
Output delay time,
highside driver off
VS = 13.5 V
50
150
300
µs
td ON L
Output delay time,
lowside driver on
VS = 13.5 V,
corresponding highside
driver is not active
15
30
70
µs
td OFF L
Output delay time,
lowside driver off
VS = 13.5 V
80
150
300
µs
tD HL
Cross current protection time,
source to sink
td ON L - td OFF H,
-200
400
µs
tD LH
Cross current protection time,
sink to source
td ON H - td OFF L
-200
400
µs
IQLH
Switched-off output current
highside drivers of OUT1-11
VOUT1-11=0 V, standby
mode
0-2
-5
µA
VOUT1-11=0 V, active
mode
-40
-15
0
µA
IQLL
Switched-off output current
lowside drivers of OUT1-6
VOUT1-6 = VS, standby
mode
0110
180
µA
VOUT1-6 = VS, active mode
-40
-15
0
µA
IOLD1
Open load detection current
of OUT1
530
80
mA
IOLD23
Open load detection current
of OUT2, OUT3
15
40
60
mA
IOLD45
Open load detection current
of OUT4 and OUT5
60
150
300
mA
IOLD6
Open load detection current
of OUT6
30
70
150
mA
IOLD78910
Open load detection current
of OUT7, OUT8, OUT9,
OUT10
15
40
60
mA
IOLD11
Open load detection current
of OUT11
30
150
300
mA
tdOL
Minimum duration of open
load condition to set the
status bit
500
-
3000
µs
tISC
Minimum duration of over-
current condition to switch off
the driver
10
-
100
µs
Table 11.
OUT1 - OUT11 (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com