Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9950
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9950_09 Datasheet HTML 14Page - STMicroelectronics L9950_09 Datasheet HTML 15Page - STMicroelectronics L9950_09 Datasheet HTML 16Page - STMicroelectronics L9950_09 Datasheet HTML 17Page - STMicroelectronics L9950_09 Datasheet HTML 18Page - STMicroelectronics L9950_09 Datasheet HTML 19Page - STMicroelectronics L9950_09 Datasheet HTML 20Page - STMicroelectronics L9950_09 Datasheet HTML 21Page - STMicroelectronics L9950_09 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Electrical specifications
L9950 - L9950XP
18/39
Doc ID 10311 Rev 10
Figure 6.
SPI - DO enable and disable time
Figure 7.
SPI - driver turn-on/off timing, minimum csn hi time
CSN
t
f in
r in
t
DO
DO
en DO tri L
t
t
dis DO L tri
50%
0.8 VCC
0.2 VCC
50%
50%
en DO tri H
t
t
dis DO H tri
C = 100 pF
L
C = 100 pF
L
pull-up load to VCC
pull-down load to GND
CSN
dON
t
20%
80%
tr in
f in
t
OFF
t
dOFF
t
OFF state
ON state
OFF state
ON state
ON
t
output current
of a driver
50%
50%
80%
20%
20%
80%
50%
output current
of a driver
CSN low to high: data from shift register
is transferred to output power switches
t
CSN_HI,min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com