Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950XP Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9950XP
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950XP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9950XP Datasheet HTML 24Page - STMicroelectronics L9950XP Datasheet HTML 25Page - STMicroelectronics L9950XP Datasheet HTML 26Page - STMicroelectronics L9950XP Datasheet HTML 27Page - STMicroelectronics L9950XP Datasheet HTML 28Page - STMicroelectronics L9950XP Datasheet HTML 29Page - STMicroelectronics L9950XP Datasheet HTML 30Page - STMicroelectronics L9950XP Datasheet HTML 31Page - STMicroelectronics L9950XP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Functional description of the SPI
L9950 - L9950XP
28/39
Doc ID 10311 Rev 10
17
OUT11 – HS
on/off
If a bit is set the selected
output driver is switched
on. If the corresponding
PWM enable bit is set
(Input Register 1) the
driver is only activated if
PWM1 (PWM2) input
signal is high. The outputs
of OUT1-OUT6 are half
bridges. If the bits of HS-
and LS driver of the same
half bridge are set, the
internal logic prevents that
both drivers of this output
stage can be switched on
simultaneously in order to
avoid a high internal
current from VS to GND.
In test mode (CSN>7.5 V)
this bit combinations are
used to multiplex internal
signals to the DO output.
OUT11 – HS
over-current
In case of an over-current
event the corresponding
status bit is set and the output
driver is disabled. If the over-
current Recovery Enable bit is
set (Input Register 1) the
output will be automatically
reactivated after a delay time
resulting in a PWM modulated
current with a programmable
duty cycle (Bit 21).
If the over-current recovery bit
is not set the microcontroller
has to clear the over-current
bit (Reset Bit) to reactivate the
output driver.
16
OUT10 – HS
on/off
OUT10 – HS
over-current
15
OUT9 – HS
on/off
OUT9 – HS
over-current
14
OUT8 – HS
on/off
OUT8 – HS
over-current
13
OUT7 – HS
on/off
OUT7 – HS
over-current
12
OUT6 – HS
on/off
OUT6 – HS
over-current
11
OUT6 – LS
on/off
OUT6 – LS
over-current
10
OUT5 – HS
on/off
OUT5 – HS
over-current
9
OUT5 – LS
on/off
OUT5 – LS
over-current
8
OUT4 – HS
on/off
OUT4 – HS
over-current
7
OUT4 – LS
on/off
OUT4 – LS
over-current
6
OUT3 – HS
on/off
OUT3 – HS
over-current
5
OUT3 – LS
on/off
OUT3 – LS
over-current
4
OUT2 – HS
on/off
OUT2 – HS
over-current
3
OUT2 – LS
on/off
OUT2 – LS
over-current
2
OUT1 – HS
on/off
OUT1 – HS
over-current
1
OUT1 – LS
on/off
OUT1 – LS
over-current
0
0
No error bit
A logical NOR combination of
all bits 1 to 22 in both status
registers.
Table 19.
SPI - input data and status registers 0 (continued)
Bit
Input register 0 (write)
Status register 0 (read)
Name
Comment
Name
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com