Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950XP Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9950XP
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950XP Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9950XP Datasheet HTML 26Page - STMicroelectronics L9950XP Datasheet HTML 27Page - STMicroelectronics L9950XP Datasheet HTML 28Page - STMicroelectronics L9950XP Datasheet HTML 29Page - STMicroelectronics L9950XP Datasheet HTML 30Page - STMicroelectronics L9950XP Datasheet HTML 31Page - STMicroelectronics L9950XP Datasheet HTML 32Page - STMicroelectronics L9950XP Datasheet HTML 33Page - STMicroelectronics L9950XP Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Functional description of the SPI
L9950 - L9950XP
30/39
Doc ID 10311 Rev 10
17
OUT6 OC
Recovery
Enable
After 50 ms the bit can be
cleared. If over-current
condition still exists, a wrong
load can be assumed.
OUT11 – HS
open load
The open load detection
monitors the load current
in each activated output
stage. If the load current
is below the open load
detection threshold for at
least 1 ms (tdOL) the
corresponding open load
bit is set. Due to
mechanical/electrical
inertia of typical loads a
short activation of the
outputs (e.g. 3 ms) can
be used to test the open
load status without
changing the
mechanical/electrical
state of the loads.
16
OUT5 OC
Recovery
Enable
OUT10 – HS
open load
15
OUT4 OC
Recovery
Enable
OUT9 – HS
open load
14
OUT3 OC
Recovery
Enable
OUT8 – HS
open load
13
OUT2 OC
Recovery
Enable
OUT7 – HS
open load
12
OUT1 OC
Recovery
Enable
OUT6 – HS
open load
11
OUT11 PWM1
Enable
If the PWM1/2 Enable Bit is set
and the output is enabled
(Input Register 0) the output is
switched on if PWM1/2 input is
high and switched off if
PWM1/2 input is low. OUT9
and OUT10 is controlled by
PWM2 input all other outputs
are controlled by PWM1 input.
OUT6 – LS
open load
The open load detection
monitors the load current
in each activated output
stage. If the load current
is below the open load
detection threshold for at
least 1 ms (tdOL) the
corresponding open load
bit is set. Due to
mechanical/electrical
inertia of typical loads a
short activation of the
outputs (e.g. 3 ms) can
be used to test the open
load status without
changing the
mechanical/electrical
state of the loads.
10
OUT10 PWM2
Enable
OUT5 – HS
open load
9
OUT9 PWM2
Enable
OUT5 – LS
open load
8
OUT8 PWM1
Enable
OUT4 – HS
open load
7
OUT7 PWM1
Enable
OUT4 – LS
open load
6
OUT6 PWM1
Enable
OUT3 – HS
open load
5
OUT4 PWM1
Enable
OUT3 – LS
open load
4
OUT4 PWM1
Enable
OUT2 –HS
open load
3
OUT3 PWM1
Enable
OUT2– LS
open load
2
OUT4 PWM1
Enable
OUT1 – HS
open load
1
OUT4 PWM1
Enable
OUT1 – LS
open load
0
1
No Error bit
A logical NOR
combination of all bits 1
to 22 in both status
registers.
Table 20.
SPI - input data and status registers 1 (continued)
Bit
Input register 1 (write)
Status register 1 (read)
Name
Comment
Name
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com