Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2000 Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # CLC2000
Description  High Output Current Dual Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2000 Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button CLC2000 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 16Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
12
Typical Performance Characteristics - Continued
TA = 25°C, Vs = 12V, Rf = 510Ω, RL = 100Ω to VS/2, G = 2; unless otherwise noted.
PSRR vs. Frequency
Input Voltage vs. Output Current
Closed Loop Output Impedance vs. Frequency
CMRR vs. Frequency
Frequency (Hz)
1k
10k
100k
1M
10M
100M
0.001
10
1
0.1
0.01
Frequency (Hz)
10
100
1k
10k 100k 1M
10M 100M
-90
-10
-20
-30
-40
-50
-60
-70
-80
Frequency (Hz)
-100
-30
-40
-50
-60
-70
-80
-90
10
100
1k
10k 100k 1M
10M 100M
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VIN (±V)
IOUT+
RL = 2.668Ω
G = -1
VS = ±6V
IOUT-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com