Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2000 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC2000
Description  High Output Current Dual Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2000 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC2000 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2000 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data Sheet
©2008 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC2000
High Output Current Dual Amplifier
Amplify the Human Experience
features
n
9.4Vpp output drive into RL= 25Ω
n
Using both amplifiers, 18.8Vpp
differential output drive into RL= 25Ω
n
±200mA @ Vo = 9.4Vpp
n
0.009%/0.06˚ differential gain/
phase error
n
250MHz -3dB bandwidth at G = 2
n
510MHz -3dB bandwidth at G = 1
n
210V/μs slew rate
n
4.5nV/√Hz input voltage noise
n
2.7pA/√Hz input current noise
n
7mA supply current
n
Fully specified at 5V and 12V supplies
n
Pb-free SOIC-8 package
a pplication s
n
ADSL PCI modem cards
n
ADSL external modems
n
Cable drivers
n
Video line driver
n
Twisted pair driver/receiver
General Description
The
Comlinear CLC2000 is a dual voltage feedback amplifier that offers
±200mA of output current at 9.4Vpp. The CLC2000 is capable of driving
signals to within 1V of the power rails. When connected as a differential line
driver, the dual amplifier drives signals up to 18.8Vpp into a 25Ω load, which
supports the peak upstream power levels for upstream full-rate ADSL CPE
applications.
The
Comlinear CLC2000 can operate from single or dual supplies from 5V to
12V. It consumes only 7mA of supply current per channel. The combination
of wide bandwidth, low noise, low distortion, and high output current capabil-
ity makes the CLC2000 ideally suited for Customer Premise ADSL or video line
driving applications.
Typical Application - ADSL Application
Ordering Information
Part Number
Package
Pb-Free
Operating Temperature Range
Packaging Method
CLC2000ISO8X
SOIC-8
Yes
-40°C to +85°C
Reel
CLC2000ISO8
SOIC-8
Yes
-40°C to +85°C
Rail
Moisture sensitivity level for all parts is MSL-1.
+
VIN
Vo+
1:2
Vo-
Ro+=12.5Ω
RL=100Ω
Ro-=12.5Ω
1/2
CLC2000
1/2
CLC2000
Rg
Rf+
-
Rf-
VOUT
-Vs
+Vs


Similar Part No. - CLC2000

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC2000 EXAR-CLC2000 Datasheet
1Mb / 18P
High Output Current Dual and Quad Amplifiers
CLC2000ISO8 EXAR-CLC2000ISO8 Datasheet
1Mb / 18P
High Output Current Dual and Quad Amplifiers
CLC2000ISO8X EXAR-CLC2000ISO8X Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
CLC2000ISO8X EXAR-CLC2000ISO8X Datasheet
1Mb / 18P
High Output Current Dual and Quad Amplifiers
More results

Similar Description - CLC2000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Analog Devices
AD8017 AD-AD8017 Datasheet
223Kb / 16P
Dual High Output Current, High Speed Amplifier
REV.A
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8017 AD-AD8017_02 Datasheet
227Kb / 16P
Dual High Output Current, High Speed Amplifier
REV. C
logo
Texas Instruments
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8017ARZ AD-AD8017ARZ Datasheet
410Kb / 17P
Dual High Output Current, High Speed Amplifier
REV. C
AD8017ARZ-REEL7 AD-AD8017ARZ-REEL7 Datasheet
415Kb / 17P
Dual High Output Current High Speed Amplifier
REV. C
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
Dual, Wideband, High Output Current Operational Amplifier
logo
Analog Devices
AD8017 AD-AD8017_15 Datasheet
441Kb / 17P
Dual High Output Current, High Speed Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com