Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC78FC33HT1G.. Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC78FC33HT1G..
Description  Micropower Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78FC33HT1G.. Datasheet(HTML) 2 Page - ON Semiconductor

  MC78FC33HT1G.. Datasheet HTML 1Page - ON Semiconductor MC78FC33HT1G.. Datasheet HTML 2Page - ON Semiconductor MC78FC33HT1G.. Datasheet HTML 3Page - ON Semiconductor MC78FC33HT1G.. Datasheet HTML 4Page - ON Semiconductor MC78FC33HT1G.. Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC78FC00 Series
http://onsemi.com
2
MAXIMUM RATINGS (TC = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage
VCC
10
Vdc
Power Dissipation and Thermal Characteristics Maximum Power Dissipation
mW
Case 1213 (SOT−89) H Suffix
PD
900
Thermal Resistance, Junction−to−Ambient
RqJA
111
°C/W
Operating Junction Temperature
TJ
125
°C
Operating Ambient Temperature
TA
−30 to +80
°C
Storage Temperature Range
Tstg
−40 to +125
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. ESD data available upon request.
ELECTRICAL CHARACTERISTICS (Vin = VO + 1.0 V, IO = 10 mA, TJ = 25°C [Note 2], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
VO
V
30HT1 Suffix (Vin = 5.0 V)
2.925
3.0
3.075
33HT1 Suffix (Vin = 6.0 V)
3.218
3.3
3.382
40HT1 Suffix (Vin = 7.0 V)
3.900
4.0
4.100
50HT1 Suffix (Vin = 8.0 V)
4.875
5.0
5.125
Line Regulation
Regline
−
0.1
−
mV
Vin = [VO + 1.0] V to 10 V, IO = 10 mA
Load Regulation
Regload
−
40
80
mV
Vin = [VO + 1.0], IO = 1.0 to 10 mA
Output Current
IO
mA
30HT1 Suffix (Vin = 5.0 V)
50
80
−
33HT1 Suffix (Vin = 6.0 V)
65
100
−
40HT1 Suffix (Vin = 7.0 V)
65
100
−
50HT1 Suffix (Vin = 8.0 V)
80
120
−
Dropout Voltage
Vin − VO
−
0.5
0.7
V
IO = 40 mA
Quiescent Current
ICC
mA
30HT1 Suffix (Vin = 5.0 V)
−
1.1
3.3
33HT1 Suffix (Vin = 5.0 V)
−
1.1
3.3
40HT1 Suffix (Vin = 6.0 V)
−
1.2
3.6
50HT1 Suffix (Vin = 7.0 V)
−
1.3
3.9
Output Voltage Temperature Coefficient
TC
−
±100
−
ppm/°C
2. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
DEFINITIONS
Dropout Voltage − The input/output voltage differential at
which the regulator output no longer maintains regulation
against further reductions in input voltage. Measured when
the output drops 100 mV below its nominal value (which is
measured at 1.0 V differential), dropout voltage is affected
by junction temperature, load current and minimum input
supply requirements.
Line Regulation − The change in output voltage for a
change in input voltage. The measurement is made under
conditions of low dissipation or by using pulse techniques
such that average chip temperature is not significantly
affected.
Load Regulation − The change in output voltage for a
change in load current at constant chip temperature.
Maximum Power Dissipation − The maximum total device
dissipation for which the regulator will operate within
specifications.
Quiescent Bias Current − Current which is used to operate
the regulator chip and is not delivered to the load.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com