Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC78FC33HT1G.. Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC78FC33HT1G..
Description  Micropower Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78FC33HT1G.. Datasheet(HTML) 4 Page - ON Semiconductor

  MC78FC33HT1G.. Datasheet HTML 1Page - ON Semiconductor MC78FC33HT1G.. Datasheet HTML 2Page - ON Semiconductor MC78FC33HT1G.. Datasheet HTML 3Page - ON Semiconductor MC78FC33HT1G.. Datasheet HTML 4Page - ON Semiconductor MC78FC33HT1G.. Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC78FC00 Series
http://onsemi.com
4
APPLICATIONS INFORMATION
Introduction
The MC78FC00 micropower voltage regulators are
specifically designed with internal current limiting and low
quiescent current making them ideal for battery powered
applications. An input bypass capacitor is recommended if
the regulator is located an appreciable distance (
≥ 4 inches)
from the input voltage source. These regulators require
0.1
mF capacitance between the output terminal and ground
for stability. Most types of aluminum, tantalum or multilayer
ceramic will perform adequately. Solid tantalums or other
appropriate capacitors are recommended for operation
below 25
°C. The bypass capacitors should be mounted with
the shortest possible leads or track lengths directly across the
regulator input and output terminals.
With economical electrolytic capacitors, cold temperature
operation can pose a serious stability problem. As the
electrolyte freezes, around −30
°C, the capacitance will
decrease and the equivalent series resistance (ESR) will
increase drastically, causing the circuit to oscillate. Quality
electrolytic capacitors with extended temperature ranges of
−40
° to +85°C are readily available. Solid tantalum
capacitors may be the better choice if small size is a
requirement. However, a maximum ESR limit of 3.0
W must
be observed over temperature to maintain stability.
Figure 6 is a typical circuit application. Figure 7 is a
current boost circuit which can deliver more than 600 mA.
The circuit has no current limiting and the external transistor
must be rated for the expected power dissipation.
Figure 6. Typical Application
23
VO
GND
Vin
GND
1
0.1
mF
0.1
mF
MC78FC00
Figure 7. Current Boost Circuit
23
VO
GND
Vin
GND
1
0.1
mF
10
mF
MC78FC00
MJD32C
0.1
mF
100
.033
mF
ORDERING INFORMATION
Device
Device
Marking
Output
Voltage
Operating
Temperature Range
Package
Shipping†
MC78FC30HT1G
0K
3.0
TA = −30° to +80°C
SOT−89
(Pb−Free)
1000 / Tape & Reel
MC78FC33HT1G
3K
3.3
MC78FC40HT1G
0L
4.0
MC78FC50HT1G
0M
5.0
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
NOTE: Other voltages from 2.0 to 6.0 V, in 0.1 V increments, are available upon request. Consult factory for information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com