Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM690 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM690
Description  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM690 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM690 Datasheet HTML 5Page - STMicroelectronics STM690 Datasheet HTML 6Page - STMicroelectronics STM690 Datasheet HTML 7Page - STMicroelectronics STM690 Datasheet HTML 8Page - STMicroelectronics STM690 Datasheet HTML 9Page - STMicroelectronics STM690 Datasheet HTML 10Page - STMicroelectronics STM690 Datasheet HTML 11Page - STMicroelectronics STM690 Datasheet HTML 12Page - STMicroelectronics STM690 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
STM690, STM704, STM795, STM802, STM804, STM805, STM806
Description
Doc ID 10519 Rev 9
9/42
1.1
Pin descriptions
1.1.1
MR (manual reset)
A logic low on MR asserts the reset output. Reset remains asserted as long as MR is low
and for trec after MR returns high. This active-low input has an internal pull-up. It can be
driven from a TTL or CMOS logic line, or shorted to ground with a switch. Leave open if
unused.
1.1.2
WDI (watchdog input)
If WDI remains high or low for 1.6 s, the internal watchdog timer runs out and reset is
triggered. The internal watchdog timer clears while reset is asserted or when WDI sees a
rising or falling edge.
The watchdog function cannot be disabled by allowing the WDI pin to float.
1.1.3
RST (active-low reset)
Pulses low for trec when triggered, and stays low whenever VCC is below the reset threshold
or when MR is a logic low. It remains low for trec after either VCC rises above the reset
threshold, the watchdog triggers a reset, or MR goes from low to high.
1.1.4
RST (active-high reset - open drain)
Pulses high for trec when triggered, and stays high whenever VCC is above the reset
threshold or when MR is a logic high. It remains high for trec after either VCC falls below the
reset threshold, the watchdog triggers a reset, or MR goes from high to low.
1.1.5
PFI (power-fail input)
When PFI is less than VPFI or when VCC falls below VSW (2.4 V), PFO goes low; otherwise,
PFO remains high. Connect to ground if unused.
1.1.6
PFO (power-fail output)
When PFI is less than VPFI, or VCC falls below VSW, PFO goes low; otherwise, PFO remains
high. Leave open if unused. Output type is push-pull.
1.1.7
VOUT (supply output voltage)
When VCC is above the switchover voltage (VSO), VOUT is connected to VCC through
a P-channel MOSFET switch. When VCC falls below VSO, VBAT connects to VOUT. Connect
to VCC if no battery is used.
1.1.8
Vccsw (VCC switch output)
When VOUT switches to battery, Vccsw is high. When VOUT switches back to VCC, Vccsw is
low. It can be used to drive gate of external PMOS transistor for IOUT requirements
exceeding 75 mA. Output type is push-pull.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com