Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM690 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM690
Description  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM690 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM690 Datasheet HTML 15Page - STMicroelectronics STM690 Datasheet HTML 16Page - STMicroelectronics STM690 Datasheet HTML 17Page - STMicroelectronics STM690 Datasheet HTML 18Page - STMicroelectronics STM690 Datasheet HTML 19Page - STMicroelectronics STM690 Datasheet HTML 20Page - STMicroelectronics STM690 Datasheet HTML 21Page - STMicroelectronics STM690 Datasheet HTML 22Page - STMicroelectronics STM690 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
STM690, STM704, STM795, STM802, STM804, STM805, STM806
Operation
Doc ID 10519 Rev 9
19/42
2.10
Using a SuperCap™ as a backup power source
SuperCaps™ are capacitors with extremely high capacitance values (e.g., order of 0.47 F)
for their size. Figure 14 shows how to use a SuperCap as a backup power source. The
SuperCap may be connected through a diode to the VCC supply. Since VBAT can exceed
VCC while VCC is above the reset threshold, there are no special precautions when using
these supervisors with a Super-Cap.
Figure 14.
Using a SuperCap™
2.11
Negative-going VCC transients
The STM690/704/795/802/804/805/806 supervisors are relatively immune to negative-going
VCC transients (glitches). Figure 32 was generated using a negative pulse applied to VCC,
starting at VRST + 0.3 V and ending below the reset threshold by the magnitude indicated
(comparator overdrive). The graph indicates the maximum pulse width a negative VCC
transient can have without causing a reset pulse. As the magnitude of the transient
increases (further below the threshold), the maximum allowable pulse width decreases. Any
combination of duration and overdrive which lies under the curve will NOT generate a reset
signal. Typically, a VCC transient that goes 100 mV below the reset threshold and lasts 40 µs
or less will not cause a reset pulse. A 0.1 µF bypass capacitor mounted as close as possible
to the VCC pin provides additional transient immunity.
AI08805
STMXXX
VBAT
VCC
VOUT
5 V
GND
RST
To external SRAM
To µP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com