Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6730_09 Datasheet HTML 16Page - STMicroelectronics L6730_09 Datasheet HTML 17Page - STMicroelectronics L6730_09 Datasheet HTML 18Page - STMicroelectronics L6730_09 Datasheet HTML 19Page - STMicroelectronics L6730_09 Datasheet HTML 20Page - STMicroelectronics L6730_09 Datasheet HTML 21Page - STMicroelectronics L6730_09 Datasheet HTML 22Page - STMicroelectronics L6730_09 Datasheet HTML 23Page - STMicroelectronics L6730_09 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Device description
L6730 - L6730B
20/52
Doc ID 11938 Rev 3
5.7
Driver section
The high-side and low-side drivers allow for the use of different types of power MOSFETs
(also multiple MOSFETs to reduce the RDSON), maintaining fast switching transitions. The
low-side driver is supplied by VCCDR while the high-side driver is supplied by the BOOT pin.
A predictive dead time control avoids MOSFETs cross-conduction maintaining very short
dead time duration (see Figure 13.).
The control monitors the phase node in order to sense the low-side body diode recirculation.
If the phase node voltage is less than a certain threshold (–350 mV typ.) during the dead
time, it will be reduced in the next PWM cycle. The predictive dead time control does not
work when the high-side body diode is conducting because the phase node does not go
Figure 12.
Sink mode disabled: Inductor current during and after soft-start (L6730)
Vout
Vss
Vcc
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com