Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6730_09 Datasheet HTML 25Page - STMicroelectronics L6730_09 Datasheet HTML 26Page - STMicroelectronics L6730_09 Datasheet HTML 27Page - STMicroelectronics L6730_09 Datasheet HTML 28Page - STMicroelectronics L6730_09 Datasheet HTML 29Page - STMicroelectronics L6730_09 Datasheet HTML 30Page - STMicroelectronics L6730_09 Datasheet HTML 31Page - STMicroelectronics L6730_09 Datasheet HTML 32Page - STMicroelectronics L6730_09 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
L6730 - L6730B
Device description
Doc ID 11938 Rev 3
29/52
The phase shift between master and slaves is approximately done 180°.
5.12
Thermal shutdown
When the junction temperature reaches 150°C ±10°C, the device enters in thermal
shutdown.
Both MOSFETs are turned OFF and the soft-start capacitor is rapidly discharged with an
internal switch. The device does not restart until the junction temperature goes down to
120°C and, in any case, until the voltage at the soft-start pin reaches 500 mV.
5.13
Minimum ON-time TON(MIN)
The device can manage minimum ON times lower than 100 ns. This feature comes from the
control topology as well as from the particular L6730/B overcurrent protection system. In a
voltage mode controller, the current does not have to be sensed to perform regulation and,
in the case of L6730/B, it does not have to be sensed for the overcurrent protection either
because valley current protection can operate during the OFF time. The first advantage
related of this feature is the achievement of extremely low conversion ratios. Figure 25
shows a conversion from 14 V to 0.5 V at 820 kHz with a tON of about 50 ns. The ON time is
limited by the MOSFET turn-on and turn-off times.
Figure 24.
Synchronization
PWM SIGNALS
INDUCTOR CURRENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com