Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6730 Datasheet HTML 11Page - STMicroelectronics L6730 Datasheet HTML 12Page - STMicroelectronics L6730 Datasheet HTML 13Page - STMicroelectronics L6730 Datasheet HTML 14Page - STMicroelectronics L6730 Datasheet HTML 15Page - STMicroelectronics L6730 Datasheet HTML 16Page - STMicroelectronics L6730 Datasheet HTML 17Page - STMicroelectronics L6730 Datasheet HTML 18Page - STMicroelectronics L6730 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
L6730 - L6730B
Device description
Doc ID 11938 Rev 3
15/52
5.2
Internal LDO
An internal LDO supplies the internal circuitry of the device. The input of this stage is the
VCC pin and the output (5 V) is the VCCDR pin (see Figure 5).
5.3
Bypassing the LDO to avoid the voltage drop with low Vcc
The LDO can be by passed by providing 5 V voltage directly to VCCDR. In this case Vcc and
VCCDR pins must be shorted together as shown in Figure 6. VCCDR pin must be filtered with
at least 1
μF capacitor to sustain the internal LDO during the recharge of the bootstrap
capacitor. VCCDR also represents a voltage reference for Tmask pin, S/O/U pin (L6730) or
CC/O/U pin (L6730B) and PGOOD pin (see Table 4: Pin connection).
If Vcc
≈ 5 V the internal LDO works in dropout with an output resistance of about 1 Ω.
The maximum LDO output current is about 100 mA, and so the output voltage drop can be
100 mV. The LDO can be bypassed to avoid thi
s.
Figure 5.
LDO block diagram
LDO
4.5V
÷14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com