Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6730
Description  Adjustable step-down controller with synchronous rectification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6730 Datasheet HTML 27Page - STMicroelectronics L6730 Datasheet HTML 28Page - STMicroelectronics L6730 Datasheet HTML 29Page - STMicroelectronics L6730 Datasheet HTML 30Page - STMicroelectronics L6730 Datasheet HTML 31Page - STMicroelectronics L6730 Datasheet HTML 32Page - STMicroelectronics L6730 Datasheet HTML 33Page - STMicroelectronics L6730 Datasheet HTML 34Page - STMicroelectronics L6730 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
L6730 - L6730B
Device description
Doc ID 11938 Rev 3
31/52
5.14.1
Fan power supply failure
In many applications the fan is driven by a DC motor that uses a DC/DC converter. Often
only the speed of the motor is controlled by varying the voltage applied to the input terminal
and there is no control on the torque because the current is not directly controlled. The
current has to be limited in case of overload or short-circuit, but without stopping the motor.
With the L6730B, the current can be limited without shutting down the system because
constant current protection is provided. In order to vary the motor speed, the output voltage
of the converter must be varied. Both L6730 and L6730B have a dedicated EAREF pin (see
Figure 4) which provides an external reference to the non-inverting input of the error-
amplifier.
In these applications the duty cycle depends on the motor’s speed and sometimes a 100%
duty cycle setting has to be used to attain the maximum speed. In these conditions, the
bootstrap capacitor can not be recharged and the system cannot work properly. Some PWM
controllers limit the maximum duty cycle to 80 or 90% in order to keep the bootstrap
capacitor charged, but this makes performance during the load transient worse. The
“bootstrap anti-discharging system” allows the L6730x to work at 100% without any
problem.
Figure 26.: 100% duty cycle operation on page 31 shows the following picture illustrates the
device behavior when the input voltage is 5 V and a 100% duty cycle is set by an external
reference.
5.14.2
No-sink at zero current operation
The L6730 can work in no-sink mode. If output current is zero the converter skip some
pulses and works with a lower switching frequency. Between two pulses can pass a
relatively long time (say 200-300 µs) during which there’s no switching activity and the
current into the inductor is zero. In this condition the phase node is at the output voltage and
in some cases this is not enough to keep the bootstrap cap charged. For example, if Vout is
3.3 V the voltage across the bootstrap cap is only 1.7 V. The high-side MOSFET cannot be
Figure 26.
100% duty cycle operation
Vout=5V
Vin=5V
LGate
Fsw?6.3KHz
TOFF
≈200ns
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com