Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95512-WDW3TG/AB Datasheet(PDF) 29 Page - STMicroelectronics

Part # M95512-WDW3TG/AB
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-WDW3TG/AB Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M95512-WDW3TG/AB Datasheet HTML 25Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 26Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 27Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 28Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 29Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 30Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 31Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 32Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
M95512-W, M95512-R
ECC (error correction code) and write cycling
Doc ID 11124 Rev 13
29/48
7
ECC (error correction code) and write cycling
The M95512-W, M95512-R and M95512-DR devices offer an ECC (error correction code)
logic which compares each 4-byte word with its associated 6 EEPROM bits of ECC. As a
result, if a single bit out of 4 bytes of data happens to be erroneous during a Read operation,
the ECC detects it and replaces it by the correct value. The read reliability is therefore much
improved by the use of this feature.
Note however that even if a single byte has to be written, 4 bytes are internally modified
(plus the ECC bits), that is, the addressed byte is cycled together with the other three bytes
making up the word. It is therefore recommended to write by words of 4 bytes in order to
benefit from the larger amount of Write cycles.
The M95512-W, M95512-R and M95512-DR devices are qualified at 1 million (1 000 000)
Write cycles, using a cycling routine that writes to the device by multiples of 4-byte packets.
8
Power-up and delivery state
8.1
Power-up state
After power-up, the device is in the following state:
●
Standby Power mode
●
Deselected (after Power-up, a falling edge is required on Chip Select (S) before any
instructions can be started).
●
Not in the Hold Condition
●
Write Enable Latch (WEL) is reset to 0
●
Write In Progress (WIP) is reset to 0
The SRWD, BP1 and BP0 bits of the Status Register are unchanged from the previous
power-down (they are non-volatile bits).
8.2
Initial delivery state
The device is delivered with the memory array set at all 1s (FFh). The Status Register Write
Disable (SRWD) and Block Protect (BP1 and BP0) bits are initialized to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com