Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95512-WDW3TG/AB Datasheet(PDF) 44 Page - STMicroelectronics

Part # M95512-WDW3TG/AB
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-WDW3TG/AB Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M95512-WDW3TG/AB Datasheet HTML 40Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 41Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 42Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 43Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 44Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 45Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 46Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 47Page - STMicroelectronics M95512-WDW3TG/AB Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Part numbering
M95512-W, M95512-R
44/48
Doc ID 11124 Rev 13
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
2.
The process letters only appear in the product ordering codes of device grade 3 devices. For other
devices, it is only given here as an indication of how to differentiate current from new products.
To identify current from new devices, please contact your nearest ST sales office.
Table 24.
Available M95512 products (package, voltage range, temperature grade)
Package
M95512-W
2.5 V to 5.5 V
M95512-R
1.8 V to 5.5 V
SO8 (MN)
Range 6, range 3
Range 6
TSSOP (DW)
Range 6
Range 6
UFDFPN8 (MB)
-
Range 6
WLCSP (CS)
-
Range 6
Table 25.
Available M95512-DR products (package, voltage range, temperature
grade)
Package
M95512-DR
1.8 V to 5.5 V
SO8 (MN)
Range 6
TSSOP (DW)
Range 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com