Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE2301 Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE2301
Description  NCE P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE2301 Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE2301 Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301 Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301 Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301 Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301 Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301 Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301 Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
1
NCE2301
Pb Free Product
http://www.ncepower.com
NCE
P-Channel Enhancement Mode Power MOSFET
DESCRIPTION
The NCE2301 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 2.5V. This device is suitable for use as a
load switch or in PWM applications.
GENERAL FEATURES
●
VDS = -20V,ID = -3A
RDS(ON) < 140mΩ @ VGS=-2.5V
RDS(ON) < 110mΩ @ VGS=-4.5V
●
High Power and current handing capability
●
Lead free product is acquired
●
Surface Mount Package
Application
●
PWM applications
●
Load switch
●
Power management
D
G
S
Schematic diagram
Marking and pin Assignment
SOT-23 top view
Package Marking And Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
2301
NCE2301
SOT-23
Ø180mm
8 mm
3000 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±10
V
Drain Current-Continuous
ID
-3
A
Drain Current -Pulsed (Note 1)
IDM
-10
A
Maximum Power Dissipation
PD
1
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
125
/W
℃
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-20
V
Zero Gate Voltage Drain Current
IDSS
VDS=-20V,VGS=0V
-1
μA


Similar Part No. - NCE2301

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NCE2301 VBSEMI-NCE2301 Datasheet
465Kb / 9P
P-Channel 20-V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE2301A VBSEMI-NCE2301A Datasheet
465Kb / 9P
P-Channel 20-V (D-S) MOSFET
NCE2301AD VBSEMI-NCE2301AD Datasheet
495Kb / 9P
P-Channel 30 V (D-S) MOSFET
NCE2301AF VBSEMI-NCE2301AF Datasheet
465Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - NCE2301

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com