Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE2301 Datasheet(PDF) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE2301
Description  NCE P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE2301 Datasheet(HTML) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE2301 Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301 Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301 Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301 Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301 Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301 Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2301 Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
2
NCE2301
Pb Free Product
http://www.ncepower.com
Gate-Body Leakage Current
IGSS
VGS=±10V,VDS=0V
±100
nA
On Characteristics (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-0.4
-1
V
VGS=-4.5V, ID=-3A
55
110
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=-2.5V, ID=-2A
75
140
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-2.8A
9.5
S
Dynamic Characteristics (Note4)
Input Capacitance
Clss
405
PF
Output Capacitance
Coss
75
PF
Reverse Transfer Capacitance
Crss
VDS=-10V,VGS=0V,
F=1.0MHz
55
PF
Switching Characteristics (Note 4)
Turn-on Delay Time
td(on)
11
nS
Turn-on Rise Time
tr
35
nS
Turn-Off Delay Time
td(off)
30
nS
Turn-Off Fall Time
tf
VDD=-10V,ID=-1A
VGS=-4.5V,RGEN=10Ω
10
nS
Total Gate Charge
Qg
3.3
12
nC
Gate-Source Charge
Qgs
0.7
nC
Gate-Drain Charge
Qgd
VDS=-10V,ID=-3A,
VGS=-2.5V
1.3
nC
Drain-Source Diode Characteristics
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=1.3A
-1.2
V
Diode Forward Current (Note 2)
IS
-1.3
A
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com