Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D201GLY Datasheet(PDF) 39 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 39 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 35Page - Intel Corporation D201GLY Datasheet HTML 36Page - Intel Corporation D201GLY Datasheet HTML 37Page - Intel Corporation D201GLY Datasheet HTML 38Page - Intel Corporation D201GLY Datasheet HTML 39Page - Intel Corporation D201GLY Datasheet HTML 40Page - Intel Corporation D201GLY Datasheet HTML 41Page - Intel Corporation D201GLY Datasheet HTML 42Page - Intel Corporation D201GLY Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
Technical Reference
39
Table 11. Component-side Connectors and Headers Shown in Figure 7
Item/callout
from Figure 7
Description
A
PCI Conventional bus add-in card connector
B
Front panel USB header
C
Front panel USB header
D
Front panel audio header
E
Chassis fan header
F
+12V power connector (ATX12V)
G
Main power connector
H
Processor fan header
I
Parallel ATA IDE connector
J
Front panel header
Table 12. Front Panel Audio Header
Pin
Signal Name
Pin
Signal Name
1
MIC
2
Ground
3
MIC BIAS
4
Ground
5
FP_OUT_R
6
FP_RETURN_R
7
+5 V
8
Key
9
FP_OUT_L
10
FP_RETURN_L
INTEGRATOR’S NOTE
The front panel audio connector is alternately used as a jumper block for routing audio
signals. Refer to Section 2.3 on page 44 for more information.
Table 13. Chassis Fan Connector
Pin
Signal Name
1
Control
2
+12 V
3
Tach



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com