Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D201GLY Datasheet(PDF) 45 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 45 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 41Page - Intel Corporation D201GLY Datasheet HTML 42Page - Intel Corporation D201GLY Datasheet HTML 43Page - Intel Corporation D201GLY Datasheet HTML 44Page - Intel Corporation D201GLY Datasheet HTML 45Page - Intel Corporation D201GLY Datasheet HTML 46Page - Intel Corporation D201GLY Datasheet HTML 47Page - Intel Corporation D201GLY Datasheet HTML 48Page - Intel Corporation D201GLY Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
Technical Reference
45
CAUTION
Do not place jumpers on this block in any configuration other than the one described
in Table 19. Other jumper configurations are not supported and could damage the
Desktop Board.
Table 19. Front Panel Audio Header/Jumper Block
Jumper Setting
Configuration
5 and 6
9 and 10
Audio line out and mic in signals are routed to the back panel audio
connectors. The back panel audio connectors are shown in Figure 6 on
page 37.
No jumpers
installed
Table 12 on page 39 lists the names of the signals available on this
connector when no jumpers are installed.
INTEGRATOR’S NOTE
When the jumpers are removed and this connector is used for front panel audio, the
back panel audio line out and mic in connectors are disabled.
2.3.2
BIOS Setup Configuration Jumper Block
This 3-pin jumper block determines the BIOS Setup program’s mode. Table 20
describes the jumper settings for the three modes: normal, configure, and recovery.
When the jumper is set to configuration mode and the computer is powered-up, the
BIOS compares the processor version and the microcode version in the BIOS and
reports if the two match.
Table 20. BIOS Setup Configuration Jumper Settings
Function/Mode Jumper Setting
Configuration
Normal
1-2
32 1
The BIOS uses current configuration information and
passwords for booting.
Configure
2-3
32 1
After the POST runs, Setup runs automatically. The
maintenance menu is displayed.
Recovery
None
32 1
The BIOS attempts to recover the BIOS configuration. A
recovery diskette is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com