Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D945GTP Datasheet(PDF) 21 Page - Intel Corporation

Part # D945GTP
Description  Technical Product Specification
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D945GTP Datasheet(HTML) 21 Page - Intel Corporation

Back Button D945GTP Datasheet HTML 17Page - Intel Corporation D945GTP Datasheet HTML 18Page - Intel Corporation D945GTP Datasheet HTML 19Page - Intel Corporation D945GTP Datasheet HTML 20Page - Intel Corporation D945GTP Datasheet HTML 21Page - Intel Corporation D945GTP Datasheet HTML 22Page - Intel Corporation D945GTP Datasheet HTML 23Page - Intel Corporation D945GTP Datasheet HTML 24Page - Intel Corporation D945GTP Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
Product Description
21
1.5 Intel® 945G Chipset
The Intel 945G chipset consists of the following devices:
• Intel 82945G Graphics Memory Controller Hub (GMCH) with Direct Media Interface (DMI)
interconnect
• Intel 82801G I/O Controller Hub (ICH7) with DMI interconnect
The GMCH component provides interfaces to the CPU, memory, PCI Express, and the DMI
interconnect. The component also provides integrated graphics capabilities supporting 3D, 2D and
display capabilities. The ICH7 is a centralized controller for the board’s I/O paths.
For information about
Refer to
The Intel 945G chipset
http://developer.intel.com/
Resources used by the chipset
Chapter 2
1.5.1
Intel 945G Graphics Subsystem
The Intel 945G chipset contains two separate, mutually exclusive graphics options. Either the
GMA950 graphics controller (contained within the 82945G GMCH) is used, or a PCI Express x16
add-in card can be used. When a PCI Express x16 add-in card is installed, the GMA950 graphics
controller is disabled.
1.5.1.1
Intel® GMA950 Graphics Controller
The Intel GMA950 graphics controller features the following:
• 400 MHz core frequency
• High performance 3-D setup and render engine
• High quality texture engine
⎯ DX9* Compliant Hardware Pixel Shader 2.0
⎯ Alpha and luminance maps
⎯ Texture color-keying/chroma-keying
⎯ Cubic environment reflection mapping
⎯ Enhanced texture blending functions
• 3D Graphics Rendering enhancements
⎯ 1.3 Dual Texture GigaPixel/Sec Fill Rate
⎯ 16 and 32 bit color
⎯ Maximum 3D supported resolution of 1600 x 1200 x 32 at 85 Hz
⎯ Vertex cache
⎯ Anti-aliased lines
⎯ OpenGL* version 1.4 support with vertex buffer and EXT_Shadow extensions
• 2D Graphics enhancements
⎯ 8, 16,and 32 bit color
⎯ Optimized 256-bit BLT engine
⎯ Color space conversion
⎯ Anti-aliased lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com