Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D945GTP Datasheet(PDF) 49 Page - Intel Corporation

Part # D945GTP
Description  Technical Product Specification
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D945GTP Datasheet(HTML) 49 Page - Intel Corporation

Back Button D945GTP Datasheet HTML 45Page - Intel Corporation D945GTP Datasheet HTML 46Page - Intel Corporation D945GTP Datasheet HTML 47Page - Intel Corporation D945GTP Datasheet HTML 48Page - Intel Corporation D945GTP Datasheet HTML 49Page - Intel Corporation D945GTP Datasheet HTML 50Page - Intel Corporation D945GTP Datasheet HTML 51Page - Intel Corporation D945GTP Datasheet HTML 52Page - Intel Corporation D945GTP Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
Technical Reference
49
2.5 PCI Configuration Space Map
Table 13.
PCI Configuration Space Map
Bus
Number (hex)
Device
Number (hex)
Function
Number (hex)
Description
00
00
00
Memory controller of Intel 82945G component
00
01
00
PCI Express x16 graphics port (Note 1)
00
02
00
Integrated graphics controller
00
1B
00
Intel High Definition Audio Controller
00
1C
00
PCI Express port 1
00
1C
01
PCI Express port 2
00
1C
02
PCI Express port 3
00
1C
03
PCI Express port 4
00
1D
00
USB UHCI controller 1
00
1D
01
USB UHCI controller 2
00
1D
02
USB UHCI controller 3
00
1D
03
USB UHCI controller 4
00
1D
07
EHCI controller
00
1E
00
PCI bridge
00
1F
00
PCI controller
00
1F
01
Parallel ATA IDE controller
00
1F
02
Serial ATA controller
00
1F
03
SMBus controller
(Note 2)
00
00
Gigabit LAN controller (if present)
(Note 2)
00
00
PCI Conventional bus connector 1
(Note 2)
01
00
PCI Conventional bus connector 2
(Note 2)
05
00
IEEE-1394a controller (if present)
(Note 2)
08
00
Intel 82562 10/100 Mbits/sec LAN PLC (if present)
01
00
00
PCI Express video controller (if present)
Notes:
1.
Present only when a PCI Express x16 graphics card is installed.
2.
Bus number is dynamic and can change based on add-in cards used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com