Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55008-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # PD55008-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PD55008-E Datasheet HTML 4Page - STMicroelectronics PD55008-E Datasheet HTML 5Page - STMicroelectronics PD55008-E Datasheet HTML 6Page - STMicroelectronics PD55008-E Datasheet HTML 7Page - STMicroelectronics PD55008-E Datasheet HTML 8Page - STMicroelectronics PD55008-E Datasheet HTML 9Page - STMicroelectronics PD55008-E Datasheet HTML 10Page - STMicroelectronics PD55008-E Datasheet HTML 11Page - STMicroelectronics PD55008-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Typical performance
PD55008-E, PD55008S-E
8/25
Doc ID 12259 Rev 2
Figure 12.
Output power vs. supply voltage
Figure 13.
Drain efficiency vs. supply voltage
9
10
11
12
131415
VDD, SUPPLY VOLTAGE (V)
3
4
5
6
7
8
9
10
11
12
13
Idq= 150 mA
Pin= 21.7 dBm
480 MHz
500 MHz
520 MHz
9
10
1112
1314
15
VDD, SUPPLY VOLTAGE (V)
20
30
40
50
60
70
Idq= 150 mA
Pin= 21.7 dBm
480 MHz
500 MHz
520 MHz
Figure 14.
Output power vs. gate-source
voltage
Table 8.
Output power vs. input power
0
1
234
VGS, GATE-SOURCE VOLTAGE (V)
0
2
4
6
8
10
12
VDD = 12.5 V
Pin= 21.7 dBm
480 MHz
500 MHz
520 MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
Input Power (W)
0
2
4
6
8
10
900 MHz
850 MHz
800 MHz
Vdd = 12.5V
Idq = 250mA
Figure 15.
Drain efficiecy vs. output power
Figure 16.
Input return loss vs. output power
1
234
56789
Output Power (W)
10
20
30
40
50
60
900 MHz
850 MHz
800 MHz
Vdd = 12.5V
Idq = 250mA
01
2
3
4
5
6
7
8
9
Output Power (W)
-30
-25
-20
-15
-10
-5
0
800 MHz
900 MHz
850 MHz
Vdd = 12.5V
Idq = 250mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com