Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55008-E Datasheet(PDF) 16 Page - STMicroelectronics

Part # PD55008-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008-E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PD55008-E Datasheet HTML 12Page - STMicroelectronics PD55008-E Datasheet HTML 13Page - STMicroelectronics PD55008-E Datasheet HTML 14Page - STMicroelectronics PD55008-E Datasheet HTML 15Page - STMicroelectronics PD55008-E Datasheet HTML 16Page - STMicroelectronics PD55008-E Datasheet HTML 17Page - STMicroelectronics PD55008-E Datasheet HTML 18Page - STMicroelectronics PD55008-E Datasheet HTML 19Page - STMicroelectronics PD55008-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Common source s-parameter
PD55008-E, PD55008S-E
16/25
Doc ID 12259 Rev 2
Table 12.
S-parameter for PD55003-E (VDS = 12.5 V, IDS = 1.5 A)
Freq
(MHz)
IS11I
S11< Φ
IS21I
S21< Φ
IS12I
S12< Φ
IS22I
S22< Φ
50
0.797
-161
20.72
90
0.020
2
0.743
-159
100
0.824
-168
10.01
80
0.019
-5
0.741
-167
150
0.849
-171
6.54
74
0.019
-9
0.746
-170
200
0.861
-173
4.83
67
0.018
-14
0.759
-171
250
0.870
-175
3.76
61
0.017
-19
0.770
-171
300
0.879
-175
3.04
56
0.016
-20
0.791
-173
350
0.887
-176
2.51
50
0.015
-21
0.811
-173
400
0.897
-177
2.11
45
0.013
-26
0.824
-174
450
0.905
-178
1.80
41
0.013
-23
0.847
-175
500
0.911
-178
1.54
37
0.011
-21
0.858
-175
550
0.917
-179
1.35
33
0.010
-23
0.871
-176
600
0.924
-180
1.17
29
0.009
-21
0.881
-177
650
0.927
179
1.04
26
0.009
-16
0.887
-178
700
0.933
179
0.93
23
0.007
-8
0.899
-179
750
0.937
178
0.83
20
0.007
-3
0.901
180
800
0.940
177
0.76
17
0.006
-2
0.906
179
850
0.941
177
0.68
14
0.007
0
0.918
178
900
0.944
176
0.63
12
0.006
21
0.920
177
950
0.946
175
0.58
10
0.008
17
0.927
176
1000
0.948
174
0.53
7
0.007
43
0.929
175
1050
0.952
174
0.49
5
0.008
44
0.929
175
1100
0.953
173
0.45
3
0.008
44
0.930
173
1150
0.952
172
0.42
1
0.009
47
0.931
173
1200
0.951
172
0.39
-1
0.010
51
0.928
172
1250
0.952
171
0.36
-3
0.010
51
0.932
171
1300
0.952
171
0.34
-5
0.011
52
0.931
170
1350
0.949
170
0.31
-7
0.011
53
0.931
169
1400
0.947
169
0.29
8
0.011
58
0.937
169
1450
0.945
169
0.28
-9
0.012
60
0.926
168
1500
0.942
168
0.26
-9
0.012
64
0.927
166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com