Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DQ965GF Datasheet(PDF) 13 Page - Intel Corporation

Part # DQ965GF
Description  Technical Product Specification
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DQ965GF Datasheet(HTML) 13 Page - Intel Corporation

Back Button DQ965GF Datasheet HTML 9Page - Intel Corporation DQ965GF Datasheet HTML 10Page - Intel Corporation DQ965GF Datasheet HTML 11Page - Intel Corporation DQ965GF Datasheet HTML 12Page - Intel Corporation DQ965GF Datasheet HTML 13Page - Intel Corporation DQ965GF Datasheet HTML 14Page - Intel Corporation DQ965GF Datasheet HTML 15Page - Intel Corporation DQ965GF Datasheet HTML 16Page - Intel Corporation DQ965GF Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
Product Description
13
Table 1. Feature Summary (continued)
Instantly Available
PC Technology
• Support for PCI Local Bus Specification Revision 2.3
• Support for PCI Express* Revision 1.0a
• Suspend to RAM support
• Wake on PCI, RS-232, front panel, PS/2 devices, and USB ports
Expansion
Capabilities
• Two PCI Conventional* bus connectors
• One PCI Express x1 bus add-in card connector
• One PCI Express x16 bus add-in card connector
Hardware Monitor
Subsystem
• Intel® Quiet System Technology implemented through the ICH8
Manageability Engine
• Voltage sense to detect out of range power supply voltages
• Thermal sense to detect out of range thermal values
• Three fan headers
• Three fan sense inputs used to monitor fan activity
Intel® vPro™
Technology
support
Provides remote management, improved security, and energy-efficient
performance
1.1.2
Manufacturing Options
Table 2 describes the manufacturing options. Not every manufacturing option is
available in all marketing channels. Please contact your Intel representative to
determine which manufacturing options are available to you.
Table 2. Manufacturing Options
IEEE-1394a
interfaces
Two IEEE-1394a interfaces: one back panel connector and one front-panel header
PS/2 ports
Back panel PS/2 ports for mouse and keyboard connection
For information about
Refer to
Available configurations for the Desktop Board DQ965GF
Section 1.2, page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com