Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DQ965GF Datasheet(PDF) 39 Page - Intel Corporation

Part # DQ965GF
Description  Technical Product Specification
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DQ965GF Datasheet(HTML) 39 Page - Intel Corporation

Back Button DQ965GF Datasheet HTML 35Page - Intel Corporation DQ965GF Datasheet HTML 36Page - Intel Corporation DQ965GF Datasheet HTML 37Page - Intel Corporation DQ965GF Datasheet HTML 38Page - Intel Corporation DQ965GF Datasheet HTML 39Page - Intel Corporation DQ965GF Datasheet HTML 40Page - Intel Corporation DQ965GF Datasheet HTML 41Page - Intel Corporation DQ965GF Datasheet HTML 42Page - Intel Corporation DQ965GF Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
Product Description
39
1.11 Hardware Management Subsystem
The hardware management features enable the board to be compatible with the Wired
for Management (WfM) specification. The board has several hardware management
features, including the following:
•
Fan monitoring and control
•
Thermal and voltage monitoring
•
Chassis intrusion detection
1.11.1
Hardware Monitoring and Fan Control
The features of the hardware monitoring and fan control include:
•
Intel Quiet System Technology, delivering acoustically-optimized thermal
management
•
Fan speed control controllers and sensors integrated into the ICH8DO
•
Four thermal sensors (processor, 82Q965 GMCH, 82801HO ICH8DO, and a remote
thermal sensor)
•
Power supply monitoring of five voltages (+5 V, +12 V, +3.3 VSB, +1.25 V, and
+VCCP) to detect levels above or below acceptable values
•
Thermally monitored closed-loop fan control, for all three fans, that can adjust the
fan speed or switch the fans on or off as needed
1.11.2
Fan Monitoring
Fan monitoring can be implemented using Intel Desktop Utilities or third-party
software.
For information about
Refer to
The functions of the fan headers
Section 1.12.2.2, page 44
1.11.3
Chassis Intrusion and Detection
The board supports a chassis security feature that detects if the chassis cover is
removed. The security feature uses a mechanical switch on the chassis that attaches
to the chassis intrusion header. When the chassis cover is removed, the mechanical
switch is in the closed position.
For information about
Refer to
The location of the chassis intrusion header
Figure 16, page 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com