Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55015STR-E Datasheet(PDF) 15 Page - STMicroelectronics

Part # PD55015STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015STR-E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PD55015STR-E Datasheet HTML 11Page - STMicroelectronics PD55015STR-E Datasheet HTML 12Page - STMicroelectronics PD55015STR-E Datasheet HTML 13Page - STMicroelectronics PD55015STR-E Datasheet HTML 14Page - STMicroelectronics PD55015STR-E Datasheet HTML 15Page - STMicroelectronics PD55015STR-E Datasheet HTML 16Page - STMicroelectronics PD55015STR-E Datasheet HTML 17Page - STMicroelectronics PD55015STR-E Datasheet HTML 18Page - STMicroelectronics PD55015STR-E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
PD55025-E, PD55025S-E
Common source s-parameter
Doc ID 12330 Rev 2
15/23
400
0.931
-178
1.32
42
0.008
-30
0.889
-177
450
0.938
-178
1.11
38
0.007
-31
0.906
-178
500
0.942
-179
0.95
34
0.006
-31
0.923
-179
550
0.948
-179
0.82
31
0.005
-30
0.937
-179
600
0.952
-180
0.71
28
0.005
-27
0.956
-179
650
0.954
180
0.63
25
0.004
-22
0.967
-179
700
0.959
179
0.55
22
0.003
-16
0.969
-179
750
0.961
178
0.49
20
0.003
-6
0.973
-179
800
0.963
178
0.45
17
0.003
3
0.970
-179
850
0.966
177
0.40
15
0.003
17
0.956
-180
900
0.967
177
0.36
13
0.003
27
0.952
179
950
0.968
176
0.33
11
0.003
38
0.945
179
1000
0.968
176
0.30
9
0.003
45
0.933
177
Table 11.
S-parameter PD55025S-E (VDS = 12.5 V ID = 1.5 A) (continued)
Freq
(MHz)
IS11I
S11 <
Φ
IS21I
S21< Φ
IS12I
S12< Φ
IS22I
S22< Φ
Table 12.
S-parameter for PD55025S-E (VDS = 12.5 V ID = 3 A)
Freq
(MHz)
IS11I
S11 <
Φ
IS21I
S21< Φ
IS12I
S12< Φ
IS22I
S22< Φ
50
0.890
-165
13.19
91
0.012
2
0.837
-174
100
0.892
-172
6.55
81
0.011
-6
0.846
-176
150
0.898
-174
4.28
73
0.011
-12
0.865
-176
200
0.904
-175
3.11
66
0.010
-15
0.879
-176
250
0.913
-176
2.39
60
0.010
-20
0.883
-176
300
0.921
-177
1.91
54
0.009
-23
0.089
-176
350
0.926
-177
1.57
49
0.008
-25
0.887
-176
400
0.935
-178
1.31
44
0.007
-27
0.889
-177
450
0.941
-179
1.10
40
0.007
-28
0.905
-179
500
0.944
-179
0.94
36
0.006
-27
0.921
-179
550
0.949
-180
0.82
33
0.005
-25
0.936
-180
600
0.953
180
0.71
29
0.004
-21
0.954
180
650
0.955
179
0.63
26
0.004
-17
0.964
-180
700
0.959
179
0.56
24
0.003
-10
0.965
-180
750
0.961
178
0.50
21
0.003
-2
0.968
-180
800
0.963
177
0.45
19
0.003
10
0.966
-179
850
0.966
177
0.41
17
0.003
22
0.952
-180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com