Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55015STR-E Datasheet(PDF) 16 Page - STMicroelectronics

Part # PD55015STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015STR-E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PD55015STR-E Datasheet HTML 12Page - STMicroelectronics PD55015STR-E Datasheet HTML 13Page - STMicroelectronics PD55015STR-E Datasheet HTML 14Page - STMicroelectronics PD55015STR-E Datasheet HTML 15Page - STMicroelectronics PD55015STR-E Datasheet HTML 16Page - STMicroelectronics PD55015STR-E Datasheet HTML 17Page - STMicroelectronics PD55015STR-E Datasheet HTML 18Page - STMicroelectronics PD55015STR-E Datasheet HTML 19Page - STMicroelectronics PD55015STR-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Common source s-parameter
PD55025-E, PD55025S-E
16/23
Doc ID 12330 Rev 2
900
0.967
176
0.37
15
0.003
32
0.948
180
950
0.968
176
0.34
15
0.003
41
0.942
179
1000
0.969
175
0.31
11
0.004
49
0.930
177
Table 12.
S-parameter for PD55025S-E (VDS = 12.5 V ID = 3 A) (continued)
Freq
(MHz)
IS11I
S11 <
Φ
IS21I
S21< Φ
IS12I
S12< Φ
IS22I
S22< Φ
Table 13.
S-parameter for PD55025S-E (VDS = 13.8 V ID = 3 A)
Freq
(MHz)
IS11I
S11 <
Φ
IS21I
S21< Φ
IS12I
S12< Φ
IS22I
S22< Φ
50
0.849
-164
13.99
91
0.012
2
0.833
-173
100
0.881
-171
6.94
80
0.011
-6
0.841
-175
150
0.895
-173
4.51
72
0.011
-12
0.857
-175
200
0.903
-175
3.27
65
0.010
-16
0.871
-175
250
0.912
-176
2.50
58
0.010
-21
0.877
-175
300
0.921
-176
1.99
52
0.009
-24
0.882
-175
350
0.927
-177
1.62
47
0.008
-27
0.883
-176
400
0.936
-178
1.35
42
0.007
-29
0.886
-177
450
0.943
-178
1.13
38
0.006
-29
0.904
-178
500
0.946
-179
0.97
34
0.006
-29
0.920
-179
550
0.952
-180
0.83
31
0.005
-26
0.935
-179
600
0.955
180
0.72
27
0.004
-23
0.955
-180
650
0.957
179
0.64
24
0.004
-17
0.965
-179
700
0.961
179
0.56
22
0.003
-8
0.967
-179
750
0.963
178
0.50
19
0.003
2
0.970
-179
800
0.965
178
0.45
17
0.003
14
0.968
-179
850
0.968
177
0.41
15
0.003
27
0.953
-179
900
0.969
176
0.37
13
0.003
36
0.949
180
950
0.970
176
0.34
11
0.003
45
0.943
179
1000
0.971
175
0.31
9
0.003
54
0.930
178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com