Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST10F272Z2 Datasheet HTML 24Page - STMicroelectronics ST10F272Z2 Datasheet HTML 25Page - STMicroelectronics ST10F272Z2 Datasheet HTML 26Page - STMicroelectronics ST10F272Z2 Datasheet HTML 27Page - STMicroelectronics ST10F272Z2 Datasheet HTML 28Page - STMicroelectronics ST10F272Z2 Datasheet HTML 29Page - STMicroelectronics ST10F272Z2 Datasheet HTML 30Page - STMicroelectronics ST10F272Z2 Datasheet HTML 31Page - STMicroelectronics ST10F272Z2 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 189 page
background image
Internal Flash memory
ST10F272Z2
28/189
When Bootstrap mode is entered:
●
Test-Flash is seen and available for code fetches (address 00’0000h)
●
User I-Flash is only available for read and write accesses
●
Write accesses must be made with addresses starting in segment 1 from 01'0000h,
whatever ROMS1 bit in SYSCON value
●
Read accesses are made in segment 0 or in segment 1 depending of ROMS1 value.
In Bootstrap mode, by default ROMS1 = 0, so the first 32 KBytes of IFlash are mapped in
segment 0.
Example:
In default configuration, to program address 0, user must put the value 01'0000h in the
FARL and FARH registers, but to verify the content of the address 0 a read to 00'0000h must
be performed.
Next Table 7 shows the Control Register interface composition: this set of registers can be
addressed by the CPU.
5.2.3
Low power mode
The Flash module is automatically switched off executing PWRDN instruction. The
consumption is drastically reduced, but exiting this state can require a long time (tPD).
Recovery time from Power Down mode for the Flash modules is anyway shorter than the
main oscillator start-up time. To avoid any problem in restarting to fetch code from the Flash,
it is important to size properly the external circuit on RPD pin.
Note:
PWRDN instruction must not be executed while a Flash program/erase operation is in
progress.
Table 7.
Control register interface
Name
Description
Addresses
Size
Bus
size
FCR1-0
Flash Control Registers 1-0
0x0008 0000 - 0x0008 0007
8 byte
16-bit
FDR1-0
Flash Data Registers 1-0
0x0008 0008 - 0x0008 000F
8 byte
FAR
Flash Address Registers
0x0008 0010 - 0x0008 0013
4 byte
FER
Flash Error Register
0x0008 0014 - 0x0008 0015
2 byte
FNVWPIR
Flash Non-Volatile Protection I
Register
0x0008 DFB0 - 0x0008
DFB1
2 byte
FNVAPR0
Flash Non-Volatile Access Protection
Register 0
0x0008 DFB8 - 0x0008
DFB9
2 byte
FNVAPR1
Flash Non-Volatile Access Protection
Register 1
0x0008 DFBC - 0x0008
DFBF
4 byte
XFVTAUR0
XBus Flash Volatile Temporary
Access Unprotection Register 0
0x0000 EB50 - 0x0000 EB51 2 byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com