Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST10F272Z2 Datasheet HTML 32Page - STMicroelectronics ST10F272Z2 Datasheet HTML 33Page - STMicroelectronics ST10F272Z2 Datasheet HTML 34Page - STMicroelectronics ST10F272Z2 Datasheet HTML 35Page - STMicroelectronics ST10F272Z2 Datasheet HTML 36Page - STMicroelectronics ST10F272Z2 Datasheet HTML 37Page - STMicroelectronics ST10F272Z2 Datasheet HTML 38Page - STMicroelectronics ST10F272Z2 Datasheet HTML 39Page - STMicroelectronics ST10F272Z2 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 189 page
background image
Internal Flash memory
ST10F272Z2
36/189
5.4.11
Flash error register
Flash Error register, as well as all the other Flash registers, can be properly read only once
LOCK bit of register FCR0L is low. Nevertheless, its content is updated when also BSY0 bit
is reset as well; for this reason, it is definitively meaningful reading FER register content only
when LOCK bit and BSY0 bit are cleared.
FER (0x8 0014h)
FCR
Reset value:
0000h
15
14
13
12
11
10
987
65432
10
reserved
WPF RESER SEQER
reserved
10ER
PGER ERER
ERR
RC
RC
RC
RC
RC
RC
RC
Table 19.
Flash error register
Bit
Function
ERR
Write Error
This bit is automatically set when an error occurs during a Flash write operation or
when a bad write operation setup is done. Once the error has been discovered
and understood, ERR bit must be software reset.
ERER
Erase Error
This bit is automatically set when an Erase error occurs during a Flash write
operation. This error is due to a real failure of a Flash cell, that can no more be
erased. This kind of error is fatal and the sector where it occurred must be
discarded. This bit has to be software reset.
PGER
Program Error
This bit is automatically set when a Program error occurs during a Flash write
operation. This error is due to a real failure of a Flash cell, that can no more be
programmed. The word where this error occurred must be discarded. This bit has
to be software reset.
10ER
1 over 0 Error
This bit is automatically set when trying to program at 1 bits previously set at 0
(this does not happen when programming the Protection bits). This error is not due
to a failure of the Flash cell, but only flags that the desired data has not been
written. This bit has to be software reset.
SEQER
Sequence Error
This bit is automatically set when the control registers (FCR1H/L-FCR0H/L,
FARH/L, FDR1H/L-FDR0H/L) are not correctly filled to execute a valid Write
Operation. In this case no Write Operation is executed. This bit has to be software
reset.
RESER
Resume Error
This bit is automatically set when a suspended Program or Erase operation is not
resumed correctly due to a protocol error. In this case the suspended operation is
aborted. This bit has to be software reset.
WPF
Write Protection Flag
This bit is automatically set when trying to program or erase in a sector write
protected. In case of multiple Sector Erase, the not protected sectors are erased,
while the protected sectors are not erased and bit WPF is set. This bit has to be
software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com