Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57030STR-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # PD57030STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57030STR-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PD57030STR-E Datasheet HTML 2Page - STMicroelectronics PD57030STR-E Datasheet HTML 3Page - STMicroelectronics PD57030STR-E Datasheet HTML 4Page - STMicroelectronics PD57030STR-E Datasheet HTML 5Page - STMicroelectronics PD57030STR-E Datasheet HTML 6Page - STMicroelectronics PD57030STR-E Datasheet HTML 7Page - STMicroelectronics PD57030STR-E Datasheet HTML 8Page - STMicroelectronics PD57030STR-E Datasheet HTML 9Page - STMicroelectronics PD57030STR-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Typical performance
PD57030-E, PD57030S-E
6/18
Doc ID 12613 Rev 2
4
Typical performance
Figure 3.
Capacitance vs supply voltage
Figure 4.
Drain current vs gate source
voltage
Gate-source voltage vs case temperature
0
5
10
15
20
25
30
Vdd (V)
1
10
100
C (pF)
Crss
Coss
Ciss
2
3
4
567
Vgs (V)
0
1
2
3
4
5
Id (A)
-50
0
50
100
150
Tc (ºC)
0.9
0.95
1
1.05
Vgs (Normalized)
Vds = 10V
Id = 250mA
Id = 500mA
Id = 1A
Id = 1.5A
Id = 2A
Id = 2.5A
Id = 3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com