Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57030STR-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # PD57030STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57030STR-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PD57030STR-E Datasheet HTML 6Page - STMicroelectronics PD57030STR-E Datasheet HTML 7Page - STMicroelectronics PD57030STR-E Datasheet HTML 8Page - STMicroelectronics PD57030STR-E Datasheet HTML 9Page - STMicroelectronics PD57030STR-E Datasheet HTML 10Page - STMicroelectronics PD57030STR-E Datasheet HTML 11Page - STMicroelectronics PD57030STR-E Datasheet HTML 12Page - STMicroelectronics PD57030STR-E Datasheet HTML 13Page - STMicroelectronics PD57030STR-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Test circuit
PD57030-E, PD57030S-E
10/18
Doc ID 12613 Rev 2
5
Test circuit
Figure 14.
Test circuit schematic
Table 8.
Test circuit component part list
Component
Description
C1, C8, C9, C13
47 pF ATC 100B Surface mount ceramic chip capacitor
C2, C7
0.8-8.0 pF Giga trim variable capacitor
C3, C4, C5, C6
7.5 pF ATC 100B surface mount ceramic chip capacitor
C10
1000 pF ATC 100B surface mount ceramic chip capacitor
C11, C15
0.1 µF / 500 V surface mount ceramic chip capacitor
C12
10 µF / 50 V aluminum electrolytic radial lead capacitor
C14
100 pF ATC 100B surface mount ceramic chip capacitor
C16
220 µF / 63 V aluminum electrolytic radial lead capacitor
R1
18 K
Ω, 1 W surface mount chip resistor
R2
4.7 M
Ω, 1 W surface mount chip resistor
R3
120
Ω, 2 W surface mount chip resistor
FB1, FB2
Shield bead surface mount EMI
L1, L2
Inductor, 5 turns air wound #22AWG, ID=0.059[1.49], nylon coated magnet wirE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com