Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95256-D-CS3TG/A Datasheet(PDF) 30 Page - STMicroelectronics

Part # M95256-D-CS3TG/A
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-D-CS3TG/A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M95256-D-CS3TG/A Datasheet HTML 26Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 27Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 28Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 29Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 30Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 31Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 32Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 33Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
DC and AC parameters
M95256-DR, M95256, M95256-W, M95256-R
30/48
Doc ID 12276 Rev 11
9
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristic tables that
follow are derived from tests performed under the measurement conditions summarized in
the relevant tables. Designers should check that the operating conditions in their circuit
match the measurement conditions when relying on the quoted parameters.
Table 8.
Operating conditions (M95256)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
4.5
5.5
V
TA
Ambient operating temperature (device grade 3)
–40
125
°C
Table 9.
Operating conditions (M95256-W)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
2.5
5.5
V
TA
Ambient operating temperature (device grade 6)
–40
85
°C
Ambient operating temperature (device grade 3)
–40
125
°C
Table 10.
Operating conditions (M95256-R and M95256-DR)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.8
5.5
V
TA
Ambient operating temperature
–40
85
°C
Table 11.
AC measurement conditions(1)
1.
Output Hi-Z is defined as the point where data out is no longer driven.
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
30 or 100(2)
2.
100 pF when the clock frequency fC is less than 10 MHz, 30 pF when the clock frequency fC is equal to or
greater than 10 MHz.
pF
Input rise and fall times
25
ns
Input pulse voltages
0.2VCC to 0.8VCC
V
Input and output timing reference voltages
0.3VCC to 0.7VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com