Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95256-D-CS3TG/A Datasheet(PDF) 43 Page - STMicroelectronics

Part # M95256-D-CS3TG/A
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-D-CS3TG/A Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M95256-D-CS3TG/A Datasheet HTML 39Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 40Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 41Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 42Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 43Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 44Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 45Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 46Page - STMicroelectronics M95256-D-CS3TG/A Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
M95256-DR, M95256, M95256-W, M95256-R
Part numbering
Doc ID 12276 Rev 11
43/48
11
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST Sales Office.
Table 25.
Ordering information scheme
Example:
M95256
–
W MN 6
T
P
/A
Device type
M95 = SPI serial access EEPROM
Device function
256 = 256 Kbit
256-D = 256 Kbit plus Identification page
Operating voltage
blank = VCC = 4.5 to 5.5 V
W = VCC = 2.5 to 5.5 V
R = VCC = 1.8 to 5.5 V
Package
MN = SO8 (150 mils width)
MW = SO8 (200 mils width)
DW = TSSOP8 (169 mils width)
CS = WLCSP
Device grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
3 = Device tested with High Reliability Certified Flow(1)
Automotive temperature range (–40 to 125 °C)
1.
ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment.
The High Reliability Certified Flow (HRCF) is described in the quality note QNEE9801. Please ask your
nearest ST sales office for a copy.
Option
blank = Standard packing
T = Tape and reel packing
Plating technology
P or G = ECOPACK® (RoHs compliant)
Process
A or AB = F8L(2)
K= F8H
2.
Used only for device grade 3 and WLCSP packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com