Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5902ACEUT Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5902ACEUT
Description  72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5902ACEUT Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5902ACEUT Datasheet HTML 6Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 7Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 8Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 9Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 10Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 11Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 12Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 13Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
+72V, SOT23/TDFN, Simple Swapper Hot-Swap
Controllers
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
14 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2007 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
H
1
2
21-0137
PACKAGE OUTLINE, 6,8,10 & 14L,
TDFN, EXPOSED PAD, 3x3x0.80 mm
COMMON DIMENSIONS
SYMBOL
MIN.
MAX.
A
0.70
0.80
D
2.90
3.10
E
2.90
3.10
A1
0.00
0.05
L
0.20
0.40
PKG. CODE
N
D2
E2
e
JEDEC SPEC
b
[(N/2)-1] x e
PACKAGE VARIATIONS
0.25 MIN.
k
A2
0.20 REF.
2.30±0.10
1.50±0.10
6
T633-1
0.95 BSC
MO229 / WEEA
1.90 REF
0.40±0.05
1.95 REF
0.30±0.05
0.65 BSC
2.30±0.10
8
T833-1
2.00 REF
0.25±0.05
0.50 BSC
2.30±0.10
10
T1033-1
2.40 REF
0.20±0.05
- - - -
0.40 BSC
1.70±0.10
2.30±0.10
14
T1433-1
1.50±0.10
1.50±0.10
MO229 / WEEC
MO229 / WEED-3
0.40 BSC
- - - -
0.20±0.05
2.40 REF
T1433-2
14
2.30±0.10
1.70±0.10
T633-2
6
1.50±0.10
2.30±0.10
0.95 BSC
MO229 / WEEA
0.40±0.05
1.90 REF
T833-2
8
1.50±0.10
2.30±0.10
0.65 BSC
MO229 / WEEC
0.30±0.05
1.95 REF
T833-3
8
1.50±0.10
2.30±0.10
0.65 BSC
MO229 / WEEC
0.30±0.05
1.95 REF
-DRAWING NOT TO SCALE-
H
2
2
21-0137
PACKAGE OUTLINE, 6,8,10 & 14L,
TDFN, EXPOSED PAD, 3x3x0.80 mm
2.30±0.10
MO229 / WEED-3
2.00 REF
0.25±0.05
0.50 BSC
1.50±0.10
10
T1033-2
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to
www.maxim-ic.com/packages.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com