Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5902ACEUT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5902ACEUT
Description  72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5902ACEUT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5902ACEUT Datasheet HTML 1Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 2Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 3Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 4Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 5Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 6Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 7Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 8Page - Maxim Integrated Products MAX5902ACEUT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
+72V, SOT23/TDFN, Simple Swapper Hot-Swap
Controllers
_______________________________________________________________________________________
5
Detailed Description
The MAX5902/MAX5903 are integrated hot-swap con-
troller ICs contained in 6-pin SOT23 and TDFN pack-
ages. They allow a board to be safely hot-plugged into
a live backplane without causing a glitch on the power-
supply rail. They are well suited for +48V power sys-
tems allowing cost-effective, simple, and compact
design. The MAX5902/MAX5903 operate from +9V to
+72V to cover a wide range of end equipment hot-swap
needs. They require only an external p-channel power
MOSFET to provide hot-swap control. Figure 1 shows a
functional block diagram of the MAX5902/MAX5903.
The MAX5902/MAX5903 controls an external p-channel
power MOSFET placed in the positive power-supply
pathway. When power is first applied, the MAX5902/
MAX5903 keep the MOSFET turned off. The
MAX5902/MAX5903 hold the MOSFET off indefinitely if
ON/OFF is held low, if the supply voltage is below the
undervoltage lockout level, or if the die temperature
exceeds +125°C. If none of these conditions exist for
150ms (typ), the MAX5902/MAX5903 begin to gradually
turn on the MOSFET. During this turn-on phase, the
MAX5902/MAX5903 slowly enhance the MOSFET,
allowing the voltage on the load, i.e. the drain of the
MOSFET, to rise at a rate of 9V/ms (typ). The inrush cur-
rent to the load is thus limited to a level proportional to
the load capacitance, and the constant slew rate. After
the MOSFET is fully enhanced, and the load voltage is
settled to its final value, the MAX5902A/ MAX5903A and
MAX5902L/MAX5903L monitor the voltage drop across
the MOSFET. If the voltage drop exceeds the circuit-
breaker threshold the MAX5902A/MAX5903A and
VS
ON/OFF
GND
GND
GND
3V
MAX5902
MAX5903
828kΩ
*900kΩ
34.5kΩ
1kΩ
GATE
DRAIN
CONTROL
LOGIC
PGOOD
(PGOOD)
( ) ARE FOR THE MAX5903 ONLY
* RELATIVE TOLERANCE ±1%, ABSOLUTE TOLERANCE ±50% (TYP)
*650kΩ
*
*
Figure 1. Functional Block Diagram
Pin Description
PIN
MAX5902
MAX5903
NAME
FUNCTION
11
VS
Positive Supply Voltage Input and External p-Channel MOSFET Source Connection
2
2
DRAIN
Drain Sense Input for External p-Channel MOSFET. Connect DRAIN as close as
possible to the MOSFET’s drain and use wide circuit traces to assure good thermal
coupling between the MAX5902/MAX5903 and the MOSFET. See Layout Guidelines
Section.
3
3
GATE
Gate Drive Output for External p-Channel MOSFET
4
4
GND
Ground Connection
5—
PGOOD
Power-Good Output.
PGOOD is an n-channel, open-drain, active-low output,
referenced to GND.
—
5
PGOOD
Power-Good Output. PGOOD is an n-channel, open-drain, active-high output,
referenced to GND.
6
6
ON/
OFF
ON/
OFF Control Input. ON/OFF is referenced to GND. Drive ON/OFF above 1.38V or
leave unconnected to enable the device. Drive ON/
OFF below 1V to disable the device.
ON/
OFF is also used to adjust the UVLO threshold. Internally clamped to nominally 3V
through a 1kΩ resistor (See Figure 1). (See the Undervoltage Lockout section in the
Applications Information.)
—
—
EP
Exposed Pad (TDFN only). Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com