Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8564EUB Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8564EUB
Description  1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8564EUB Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8564EUB Datasheet HTML 6Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 7Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 8Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 9Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 10Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 11Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 12Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 13Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Set RD = 100k
Ω. The above equations also assume that
VDD > VIN_ > 1V when VIN_ is on or at a high-voltage
state, and that VDD > 3V.
Example: Connect 100k
Ω from EN to VDD and 4kΩ from
EN_ to IN_. Thus, when VDD = 12V and VIN_ = 0V, then
VEN_ = 0.46V. When VDD = 12V and VIN_ = 1.2V, then
VEN_ = 1.6V.
Alternately, to avoid fault shutdown due to the delay of
VIN relative to VDD, pull EN_ low with a separate control
logic and only drive high when VIN reaches a steady-
state value.
Output Voltage
The output voltage range at the source of the n-MOSFET
is from 0.5V to 3.3V when VDD is 12V and from 0.5V to
1.8V when VDD is 5V. The maximum output voltage is a
function of the minimum gate-to-source voltage (VGS) of
the MOSFET and VDD.
The external n-MOSFET contains a parasitic diode from
source to drain. If the output is ever anticipated to
exceed the input, current flows from source to drain. If
this is undesirable, external protection is needed. A
simple solution is the placement of a diode in series,
from IN_ to the drain of the n-MOSFET, so that reverse
current is not possible. Due to the forward-voltage drop
of the diode, the maximum output voltage is reduced
and additional power is consumed in the diode.
Enable and POK
The MAX8563/MAX8564/MAX8564A have independent
enable control inputs (EN1, EN2, and EN3). Drive EN1
high to enable output 1. Drive EN2 high to enable out-
put 2. Drive EN3 high to enable output 3. When EN_ is
driven low, the corresponding DRV_ is internally pulled
to GND and POK_ is internally pulled low.
The POK_ is an open-drain output that provides the sta-
tus of the output voltage and pulls low depending upon
circuit conditions. During startup, once the FB_ reaches
the POK_ threshold, the POK_ signal goes high. The
POK_ threshold has 30mV of hysteresis. When the out-
put voltage drops 12% below the nominal regulated
voltage, POK_ pulls low. All POK_ outputs pull low
when UVLO is activated or when the internal VL regula-
tor and reference are not ready.
Output Undervoltage and
Overload Protection
When an overload event or short circuit occurs, the
device that is most vulnerable is the external n-MOSFET.
The MAX8563/MAX8564/MAX8564A monitor the output
voltage to protect the MOSFET. When DRV_ is at its maxi-
mum voltage and the output voltage drops below 80%
but is still greater than 60% of its nominal voltage for
more than 50µs, the MAX8563/MAX8564/MAX8564A
shut down that particular regulator output by pulling
DRV_ to GND. Note that there is an additional inherent
delay in turning off the MOSFET. The delay is a function
of the compensation capacitor and the MOSFET. If the
output recovers to greater than 80% within 50µs, it is not
considered to be in overload and no action is taken.
When the output voltage drops below 60% of its nominal
voltage, the MAX8563/MAX8564/MAX8564A immediately
shut down that particular regulator output by pulling
DRV_ to GND. To restart that particular LDO, VDD must
be recycled below the UVLO or the corresponding EN_
must be recycled. The overload protection is shown in
the Typical Operating Characteristics.
Design Procedure
Output Voltage Setting
The minimum output voltage for each controller of the
MAX8563/MAX8564/MAX8564A is typically 0.5V. The
maximum output voltage is adjustable up to 3.3V with
VDD = 12V, and up to 1.8V with VDD = 5V. To set the out-
put voltage, connect the FB_ pin to the center of a volt-
age-divider between OUT_ and GND (Figure 5). The
resistor-divider current should be at least 1mA per 1A of
maximum output current; i.e., for a 3A maximum output
current, set the resistor-divider bias current to
≥ 3mA:
R
V
I
V
II
B
FB
OUT MIN
FB
OUT MAX
OUT MAX
(
)
()
()
≤=
×
=
1000
500
I
I
OUT MIN
OUT MAX
()
()
≥
1000
13
.
__
<
+
⎛
⎝⎜
⎞
⎠⎟
×
()+
−
R
RR
VV
V
E
ED
DD
IN
IN
±1%, Ultra-Low Output Voltage, Dual and Triple
Linear n-FET Controllers
10
______________________________________________________________________________________
MAX8563
MAX8564
MAX8564A
EN_
VDD
IN_
RD
RE
Figure 4. Voltage-Divider on EN_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com