Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8564EUB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8564EUB
Description  1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8564EUB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8564EUB Datasheet HTML 1Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 2Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 3Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 4Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 5Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 6Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 7Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 8Page - Maxim Integrated Products MAX8564EUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
±1%, Ultra-Low Output Voltage, Dual and Triple
Linear n-FET Controllers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VEN1 = VEN2 = VEN3 = 5V, VGND = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POK_ Threshold Falling
Measured at FB_ (falling)
425
440
455
mV
POK_ Threshold Rising at Startup
Measured at FB_ (rising)
455
470
485
mV
POK_ Output Low Level
Sinking 1mA, VDD = 4.5V, VFB_ = 0.4V
0.1
V
TA = +25°C
0.1
POK_ Output High Leakage
VDD = 5.5V
TA = +85°C
0.001
µA
Note 1: Specifications are production tested at TA = +25°C. Maximum and minimum specifications over temperature are guaranteed by
design.
Typical Operating Characteristics
(Circuit of Figure 1, TA = +25°C.)
OUTPUT VOLTAGE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.1
1.2
1.3
1.4
1.5
1.6
1.0
1.0
2.0
VDD = 5V
VOUT1
VOUT2
OUTPUT VOLTAGE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
3.4
1.4
2.2
2.6
1.8
3.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
1.0
1.0
VDD = 12V
VOUT3
VOUT1
VOUT2
OUTPUT VOLTAGE vs. OUTPUT CURRENT
OUTPUT CURRENT (A)
2.5
2.0
1.5
1.0
0.5
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
1.0
03.0
VDD = 12V
VOUT3
VOUT1
VOUT2
FEEDBACK VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.4988
0.4990
0.4992
0.4994
0.4996
0.4998
0.5000
0.4986
-40
85
VDD = 5V
VDD = 12V
PSRR vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
10
30
40
20
50
60
70
80
90
100
0
100
100k
VOUT1 = 1.5V
VIN1 = 2V
LOAD = 1.25
Ω
VDD = 12V
LOAD TRANSIENT
MAX8563 toc06
IOUT2
VDRV2
VIN2
VOUT2
20mV/div
AC-COUPLED
2V/div
200mV/div
AC-COUPLED
2A/div
0
10
μs/div
0
VDD = 12V
FIGURE 1, C7 = 100
μF 6TPE100MI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com