Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01CP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # REF01CP
Description  5V, 10V Precision Voltage References
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REF01CP Datasheet(HTML) 3 Page - Maxim Integrated Products

  REF01CP Datasheet HTML 1Page - Maxim Integrated Products REF01CP Datasheet HTML 2Page - Maxim Integrated Products REF01CP Datasheet HTML 3Page - Maxim Integrated Products REF01CP Datasheet HTML 4Page - Maxim Integrated Products REF01CP Datasheet HTML 5Page - Maxim Integrated Products REF01CP Datasheet HTML 6Page - Maxim Integrated Products REF01CP Datasheet HTML 7Page - Maxim Integrated Products REF01CP Datasheet HTML 8Page - Maxim Integrated Products REF01CP Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Note 1: Guaranteed by design.
Note 2: Line and load regulation specifications include the effect of self heating. 100% production tested at TA = +25°C and guaranteed
by design for TA = TMIN to TMAX, as specified.
Note 3:
∆VOT is defined as the absolute difference between the maximum output voltage and the minimum output voltage over the
specified temperature range expressed as a percentage of 10V. Guaranteed by design.
Note 4: TCVO is defined as
∆VOT divided by the temperature range. Guaranteed by design.
∆VOT =
⎡
⎣⎢
⎤
⎦⎥
×
V- V
10V
100
MAX
MIN
+5V, +10V Precision
Voltage References
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—REF01C
(VIN = +15V, TA = +25°C, IL = 0mA, unless otherwise noted.)
REF01C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VO
IL = 0mA
9.90
10.00
10.10
V
Output Adjustment Range
∆Vtrim
RP = 10k
Ω
±2.7
±6.0
%
Output Voltage Noise
enP-P
0.1Hz to 10Hz (Note 1)
25
35
µVP-P
Line Regulation
VIN = 13V to 30V (Note 2)
0.009
0.015
%/V
IL = 0 to 8mA
0.006
0.015
Load Regulation (Note 2)
IL = 0 to 4mA
0.006
0.015
%/mA
Turn-On Settling Time
tON
To ±0.1% of final value
400
µs
Quiescent Supply Current
ISY
No load
1.0
1.6
mA
Load Current
IL
To specified output voltage tolerance
8
21
mA
Sink Current
IS
To specified output voltage tolerance
0.2
0.5
mA
Short-Circuit Current
ISC
VO = 0V
30
mA
ELECTRICAL CHARACTERISTICS—REF01C
(VIN = +15V, TA = TMIN to TMAX, unless otherwise noted.)
REF01C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Change with
Temperature
∆VOT
(Note 3)
0.14
0.45
%
Output Voltage Temperature
Coefficient
TCVO
(Note 4)
20
65
ppm/°C
Change in VO Temperature
Coefficient with Output Adjustment
RP = 10kΩ
0.7
ppm/%
Line Regulation
VIN = 13V to 30V (Note 2)
0.011
0.018
%/V
Load Regulation
IL = 0 to 5mA (Note 2)
0.008
0.018
%/mA
Output Adjustment
The REF01 trim terminal can be used to adjust the volt-
age over a 10V ±600mV range. This feature allows the
system designer to trim system errors by setting the ref-
erence to a voltage other than 10V, including 10.240V for
binary applications (see the Typical Operating Circuit).
Adjustment of the output does not significantly affect the
temperature performance of the device. The tempera-
ture coefficient change is approximately 0.7ppm/°C for
100mV of output adjustment.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com