Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01CP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # REF01CP
Description  5V, 10V Precision Voltage References
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REF01CP Datasheet(HTML) 1 Page - Maxim Integrated Products

  REF01CP Datasheet HTML 1Page - Maxim Integrated Products REF01CP Datasheet HTML 2Page - Maxim Integrated Products REF01CP Datasheet HTML 3Page - Maxim Integrated Products REF01CP Datasheet HTML 4Page - Maxim Integrated Products REF01CP Datasheet HTML 5Page - Maxim Integrated Products REF01CP Datasheet HTML 6Page - Maxim Integrated Products REF01CP Datasheet HTML 7Page - Maxim Integrated Products REF01CP Datasheet HTML 8Page - Maxim Integrated Products REF01CP Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PART
TEMP RANGE
MAX TEMPCO
(ppm/°C)
INITIAL ERROR
(mV)
PIN-PACKAGE
PKG
CODE
REF01EP
0°C to +70°C
8.5
±30
8 Plastic DIP
P8-2
REF01EP+
0°C to +70°C
8.5
±30
8 Plastic DIP
P8-2
REF01HP
0°C to +70°C
25
±50
8 Plastic DIP
P8-2
REF01HP+
0°C to +70°C
25
±50
8 Plastic DIP
P8-2
REF01HSA
0°C to +70°C
25
±50
8 SO
S8-2
REF01HSA+
0°C to +70°C
25
±50
8 SO
S8-2
REF01CP
0°C to +70°C
65
±100
8 Plastic DIP
P8-2
REF01CP+
0°C to +70°C
65
±100
8 Plastic DIP
P8-2
REF01CSA
0°C to +70°C
65
±100
8 SO
S8-2
REF01CSA+
0°C to +70°C
65
±100
8 SO
S8-2
REF01CESA
-40°C to +85°C
65
±100
8 SO
S8-2
REF01CESA+
-40°C to +85°C
65
±100
8 SO
S8-2
General Description
The REF01/REF02 are industry-standard precision volt-
age references. The stable 10V output of the REF01
can be adjusted over a ±6% range with minimal effect
on temperature stability. The 5V output REF02 can also
be adjusted over a ±6% range. The 10V REF01 has a
single-supply operation over an input voltage range of
13V to 33V, while the 5V REF02 has a single-supply
operation over an input voltage range of 7V to 33V.
Both devices offer a low-current drain of 1mA. The
REF02 also provides a TEMP pin whose output voltage
varies linearly with temperature, making this device
suitable for a wide variety of temperature-sensing and
control applications. For new designs, refer to the
MAX6035 or MAX6143 data sheets.
Features
♦ Pretrimmed to +5V, +10V
♦ Excellent Temperature Stability: 3ppm/°C (typ)
♦ Low Noise: 10µVP-P (REF02)
♦ Short-Circuit Protected
♦ Linear Temperature Transducer Output (REF02)
+5V, +10V Precision
Voltage References
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
REF01
REF02
OUTPUT
RP
10k
Ω
6
5
TRIM
VO
VIN
+15V
4
GND
REFERENCE WITH TRIMMED OUTPUT.
2
Typical Operating Circuit
19-0887; Rev 7; 4/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Applications
Analog-to-Digitial Converters
Digitial-to-Analog Converters
Digital Voltmeters
Voltage Regulators
Threshold Detectors
+Denotes a lead-free package.
Ordering Information continued at end of data sheet.


Similar Part No. - REF01CP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF01CP AD-REF01CP Datasheet
296Kb / 7P
10V Precision Viltage Reference
REF01CP AD-REF01CP Datasheet
384Kb / 12P
10 V Precision Voltage Reference
10/02-Data Sheet changed from REV. B to REV. C.
logo
Maxim Integrated Produc...
REF01CP MAXIM-REF01CP Datasheet
251Kb / 8P
5V, 10V Precision Voltage References
logo
Analog Devices
REF01CP AD-REF01CP Datasheet
339Kb / 12P
10 V Precision Voltage Reference
Rev. H
REF01CPZ AD-REF01CPZ Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results

Similar Description - REF01CP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225 Datasheet
181Kb / 12P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Rev 3; 5/98
MAX873 MAXIM-MAX873 Datasheet
298Kb / 8P
Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
REF01 MAXIM-REF01 Datasheet
251Kb / 8P
5V, 10V Precision Voltage References
MAX676 MAXIM-MAX676 Datasheet
774Kb / 12P
CALIBRATED, LOW-DRIFT, 4,096V/5V/10V PRECISION VOLTAGE REFERENCES
Rev 1; 11/94
logo
Analog Devices
ADREF02 AD-ADREF02 Datasheet
734Kb / 6P
10V 5V References
logo
Maxim Integrated Produc...
MAX873 MAXIM-MAX873_07 Datasheet
384Kb / 12P
Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
REF01HSA-T MAXIM-REF01HSA-T Datasheet
108Kb / 9P
5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
Precision Voltage References
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
Precision Voltage References
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com