Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811M Datasheet(PDF) 29 Page - STMicroelectronics

Part # STW4811M
Description  Power management for multimedia processors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811M Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STW4811M Datasheet HTML 25Page - STMicroelectronics STW4811M Datasheet HTML 26Page - STMicroelectronics STW4811M Datasheet HTML 27Page - STMicroelectronics STW4811M Datasheet HTML 28Page - STMicroelectronics STW4811M Datasheet HTML 29Page - STMicroelectronics STW4811M Datasheet HTML 30Page - STMicroelectronics STW4811M Datasheet HTML 31Page - STMicroelectronics STW4811M Datasheet HTML 32Page - STMicroelectronics STW4811M Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 85 page
background image
STw4811M/STw4811N
Functional description
CD00131784
29/85
USB EN register
Table 17.
USB EN register (address = 10h)
76
54
3
2
1
0
Not used
B_sess_
end
Not used
th_
Bdevice
usb_en
not used
-
R
---
R/W
R/W
-
Bits
Name
Value
Settings
Default
1
usb_en
0
1
Inactive
Enable USB PHY
0
2th_Bdevice
0
1
Threshold for vbus_valid = 4.4 V
Threshold for vbus_valid = 3.87 V
0
6
B_sess_end
0
1
Vbus voltage is below B_session_end threshold
(0.2 to 0.8 V)
Vbus voltage is above B_session_end threshold
(0.2 to 0.8 V)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com