Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811M Datasheet(PDF) 41 Page - STMicroelectronics

Part # STW4811M
Description  Power management for multimedia processors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811M Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STW4811M Datasheet HTML 37Page - STMicroelectronics STW4811M Datasheet HTML 38Page - STMicroelectronics STW4811M Datasheet HTML 39Page - STMicroelectronics STW4811M Datasheet HTML 40Page - STMicroelectronics STW4811M Datasheet HTML 41Page - STMicroelectronics STW4811M Datasheet HTML 42Page - STMicroelectronics STW4811M Datasheet HTML 43Page - STMicroelectronics STW4811M Datasheet HTML 44Page - STMicroelectronics STW4811M Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 85 page
background image
STw4811M/STw4811N
Functional description
CD00131784
41/85
4.3.2
VCORE regulator: DC/DC STEP- DOWN regulator
This regulator drives the core of the multimedia processor. VCORE is a DC/DC step-down
regulator that generates the regulated power supply with very high efficiency. The 16
voltage levels enable dynamic voltage and frequency scaling suitable for any supply voltage
of CMOS process, they also follow the processor process roadmap. The regulated output
voltage level is adjustable via the main I2C interface (SDA, SCL): in high power mode by the
power control registers (Table 22), in sleep mode by Vcore_sleep register (Table 29).
The master clock (13, 19.2 or 26 MHz) is automatically detected, squared and divided to
generate the switching clock of the SMPS. When this clock is not available, regulators run
with the internal RC oscillator.
The DC/DC step-down regulator has the following main features;
●
Programmable output voltage,
–
When changing the output voltage value (during a voltage scaling phase) the
voltage step must be less than 100mV.
–
In high power mode, 16 levels from 1.0 V to 1.45 V through ‘vcore_sel [3:0]’ bits of
power control register (Table 22)
–
In sleep mode,16 levels from 1.0 V to 1.45 V through ‘vcore_sleep [3:0]’ bits of
Vcore_sleep register (Table 29).
Note:
By default ‘vcore_sel’ = ‘vcore_sleep’
●
3 power domains:
–
‘High power mode’ when multimedia processor is in run mode, 700 mA full load
–
‘Low current mode’ when multimedia processor is in sleep mode, 5 mA current
capability.
Fast switching from low current to high power mode.
The regulator is in ‘low current mode’ when multimedia processor is in sleep
mode. PWREN signal indicates that the multimedia processor is about to switch to
high power mode. VDDOK signal indicates to the multimedia processor that all
supplies are in the specified range.
Note:
The definition of sleep mode is given in section 4.2.3: Sleep mode.
–
‘Power down mode’ or ‘standby mode’ when regulator is switched off, no
consumption (‘en_vcore’ bit of
power control register - Table 24)
●
Soft start circuitry at start up, from power off to high power mode, when PON ball
changes from “0” to “1”.
4.3.3
VIO_VMEM regulator: DC/DC step- down regulator
VIO_VMEM step-down regulator has the same structure than VCORE.
The VIO_VMEM regulator supplies the IOs of the multimedia processor and its peripherals.
This regulator can be used to supply the memories working with the multimedia processor,
such as DDR-SDRAM. A switched mode power supply - voltage down converter is used to
generate the 1.8 V regulated power supply with very high efficiency.
The master clock (13, 19.2 or 26 MHz) is automatically detected and divided to generate the
SMPS switching clock. Master clock is squared when bit en_clock_squarer is enabled
(
Table 25: Power control register at address 08h). When this clock is not available,
regulators can run with the internal RC oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com